Electronic Components Datasheet Search
  English  ▼

X  

CC1050/TANDR Datasheet(PDF) 38 Page - Texas Instruments

Part # CC1050/TANDR
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/TANDR Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC1050/TANDR Datasheet HTML 32Page - Texas Instruments CC1050/TANDR Datasheet HTML 33Page - Texas Instruments CC1050/TANDR Datasheet HTML 34Page - Texas Instruments CC1050/TANDR Datasheet HTML 35Page - Texas Instruments CC1050/TANDR Datasheet HTML 36Page - Texas Instruments CC1050/TANDR Datasheet HTML 37Page - Texas Instruments CC1050/TANDR Datasheet HTML 38Page - Texas Instruments CC1050/TANDR Datasheet HTML 39Page - Texas Instruments CC1050/TANDR Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
CC1050
SWRS044
Page 38 of 40
Package Description (TSSOP-24)
Note: The figure is an illustration only.
Thin Shrink Small Outline Package (TSSOP)
D
E1
E
A
A1
E
B
L
Copl.
α
TSSOP 24
Min
Max
7.7
7.9
4.30
4.50
6.40
1.20
0.05
0.15
0.65
0.19
0.30
0.45
0.75
0.10
0
°
8
°
All dimensions in mm
Soldering Information
Recommended soldering profile is according to IPC/JEDEC J-STD-020B, July 2002.
Plastic Tube Specification
TSSOP 4.4mm (.173”) antistatic tube.
Tube Specification
Package
Tube Width
Tube Height
Tube
Length
Units per Tube
TSSOP 24
268 mil
80 mil
20”
62
Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
TSSOP 24
16 mm
8 mm
4 mm
13”
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com