Electronic Components Datasheet Search
  English  ▼

X  

97-134 Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # 97-134
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-134 Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button 97-134 Datasheet HTML 17Page - Laird Tech Smart Technology 97-134 Datasheet HTML 18Page - Laird Tech Smart Technology 97-134 Datasheet HTML 19Page - Laird Tech Smart Technology 97-134 Datasheet HTML 20Page - Laird Tech Smart Technology 97-134 Datasheet HTML 21Page - Laird Tech Smart Technology 97-134 Datasheet HTML 22Page - Laird Tech Smart Technology 97-134 Datasheet HTML 23Page - Laird Tech Smart Technology 97-134 Datasheet HTML 24Page - Laird Tech Smart Technology 97-134 Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
97-919
97-916
97-913
SOLID TOP S3 TRANSFER IMPEDANCE
10K
100K
1M
10M
100M
1G
Frequency (Hz)
160
140
120
100
80
60
40
20
0
RETENTION CLIP
PART NO.
RIVET MOUNT PART NO.
97-964
Used On
97-919
97-965
Used On
97-916
97-966
Used On
97-913
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
SOLID TOP (S3) SYMMETRICAL SLOTTED SHIELDING GASKET
2.8
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
SOLID TOP S3 SERIES - STICKY FINGERS
SOLID TOP S3 SERIES - RIVET MOUNT
Laird Technologies offers their Solid Top Symmetrical Slotted Shielding Gaskets.
This product is uniquely designed for those applications where a lid or cover
is closed using a sliding motion to complete the closure. The solid top design
allows the cover to slide either perpendicularly or parallel to the fingerstock
without snagging or damaging the gasket.
The newly designed symmetrical shielding offers all the advantages of our
S
3 series, having a large radius for maximum conductivity with minimum
compression forces.
• Solid top provides an additional 10 dB of shielding effectiveness
• Offered in both rivet mount and tape mount versions
• Available with two types of rivets
• Generous radii provide maximum conductivity with minimum
compression forces
• Parts can be modified and/or cut to any specific length
• For longitudinal sliding applications, a retention clip is recommended for
secure mounting
• Available in standard or UltraSoft
® (part numbers beginning with -98) versions
< View A - Computer tower side
panel is moved sideways during the
first step of installation.
< View B - Next, the panel is moved
downwards, sliding longitudinally on
the vertical finger gasket.
< View C - Fully installed panel is
now compressing both finger gaskets.
The above picture shows our Solid Top S3 with a
retention clip. This clip is designed to ensure secure
retention of actual fingerstock to track component.
SERIES
A
B
C
D
E
K
L
APPROX.
MIN.
LENGTH
97-910
0.620
0.220
0.004
0.375
0.030
0.760
0.100
15.000
(15.748)
(5.588)
(0.102)
(9.525)
(0.762)
(19.304)
(2.540)
(381.000)
97-915
0.450
0.140
0.003
0.250
0.022
0.510
0.070
15.000
(11.430)
(3.556)
(0.076)
(6.350)
(0.559)
(12.954)
(1.,778)
(381.000)
97-918
0.350
0.110
0.003
0.187
0.018
0.380
0.070
15.000
(8.890)
(2.794)
(0.076)
(4.750)
(0.457)
(9.652)
(1.778)
(381.000)
SERIES
A
B
C
D
E
K
L
APPROX.
M
N
NO. OF
MIN.
LENGTH
RIVETS
97-913
0.620
0.220
0.004
0.375
0.030
0.760
0.100
15.000
0.560
0.940
10
(15.748) (5.588) (0.102) (9.525) (0.762) (19.304) (2.540) (381.000) (14.224) (23.876)
—
97-916
0.450
0.140
0.003
0.250
0.022
0.510
0.070
15.000
0.630
0.880
10
(11.430) (3.556) (0.076) (6.350) (0.559) (12.954) (1.778) (381.000) (16.002) (22.352)
—
97-919
0.350
0.110
0.003
0.187
0.018
0.380
0.070
15.000
0.660
0.840
10
(8.890)
(2.794) (0.076) (4.750) (0.457) (9.652) (1.778) (381.000) (16.764) (21.336)
D
E
D
E
A
K
B
C
M
N
L
A
K
B
L
Smallest
Opening
0.195
(4.953)
0.285
(7.239)
1.500
(38.100)
1.500
(38.100)
Smallest
Opening
Push
Rivet
Tapered Type
Optional
Rachet Type
Standard
Double
Adhesive
Tape
RETENTION CLIP
97-910
97-913
97-915
97-916
97-918
97-919
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com