Electronic Components Datasheet Search
  English  ▼

X  

97-151 Datasheet(PDF) 17 Page - Laird Tech Smart Technology

Part # 97-151
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-151 Datasheet(HTML) 17 Page - Laird Tech Smart Technology

Back Button 97-151 Datasheet HTML 13Page - Laird Tech Smart Technology 97-151 Datasheet HTML 14Page - Laird Tech Smart Technology 97-151 Datasheet HTML 15Page - Laird Tech Smart Technology 97-151 Datasheet HTML 16Page - Laird Tech Smart Technology 97-151 Datasheet HTML 17Page - Laird Tech Smart Technology 97-151 Datasheet HTML 18Page - Laird Tech Smart Technology 97-151 Datasheet HTML 19Page - Laird Tech Smart Technology 97-151 Datasheet HTML 20Page - Laird Tech Smart Technology 97-151 Datasheet HTML 21Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
COMPACT PCI SYMMETRICAL MOUNT
2.4
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
ALTERNATE SLOT SERIES
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies alternating slot/cut design is designed for use in a wide
variety of slotted applications, such as front panel handles, plug-in units,
subrack assemblies, chassis covers and backplanes.
The alternating slot / cut design serves to enhance the gasket strength,
while providing enough flexibility to allow the part to be folded in half with
no resultant finger damage. This is especially significant in during installation
or repair.
Available in a wide variety of plating finishes to meet galvanic compatibility
requirements.
Available in UltraSoft
™, low compression series (-078).
TOP VIEW
RIGHT VIEW
0.191
(4.851)
H
0.050
(1.270)
R. 0.050
(1.270)
52.5°
27.0°
0.026
(0.660)
2X 0.053
(1.346)
0.190
(4.826)
0.0025
(0.063)
0.012
(0.305)
0.085 REF.
(2.159)
0.065
(1.651)
TOP VIEW
16.000 (406.400) Length
14.568 (370.027) Length
0.374 (9.500)
Pitch
0.320
(8.128)
0.218 TYP
(5.537)
0.018 (0.457) Slot
Dimples on 1.500 (38.100) Centers
Randomly Located
Approximate number of fingers is 64.
Pitch 0.250 (6.350)
Slot 0.018 (0.457)
77-077
77-098
Laird Technologies offers a unique product designed to shield the front panels
of IEEE standard 1101.10 card cages, commonly referred to as Dot-10, called
the Compact PCI gasket.
This front panel shielding has been designed to shield between the front
panels on sub racks and plug-in units. This is a beryllium copper solid top
symmetrical slotted fingerstock strip pre-plated in sulfamate nickel. It is
designed to mount on the “T” shape on a front panel extrusion (see below).
Specially designed for wiping applications, this configuration allows total
symmetrical compression action with bi-directional engagement.
Standard size shown is based on the 9.5" (241.300) length per the Dot-10 standard.
Other lengths and plating finishes are available for your specific application.
RIGHT VIEW
2X 0.085
(2.159)
R 0.110
(2.794)
R 0.020
(0.508)
0.110
(2.794)
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com