Electronic Components Datasheet Search
  English  ▼

X  

CC2550 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2550 Datasheet HTML 9Page - Texas Instruments CC2550 Datasheet HTML 10Page - Texas Instruments CC2550 Datasheet HTML 11Page - Texas Instruments CC2550 Datasheet HTML 12Page - Texas Instruments CC2550 Datasheet HTML 13Page - Texas Instruments CC2550 Datasheet HTML 14Page - Texas Instruments CC2550 Datasheet HTML 15Page - Texas Instruments CC2550 Datasheet HTML 16Page - Texas Instruments CC2550 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 13 of 54
9
Configuration Software
CC2550 can be configured using the SmartRF®
Studio software, available for download from
http://www.ti.com.
The
SmartRF®
Studio
software is highly recommended for obtaining
optimum register settings, and for evaluating
performance and functionality. A screenshot of
the SmartRF® Studio user interface for
CC2550
is shown in Figure 5.
Figure 5: SmartRF
® Studio user interface
10
4-wire Serial Configuration and Data Interface
CC2550 is configured via a simple 4-wire SPI-
compatible interface (SI, SO, SCLK and CSn)
where
CC2550 is the slave. This interface is
also used to read and write buffered data. All
address and data transfer on the SPI interface
is done most significant bit first.
All transactions on the SPI interface start with
a header byte containing a read/write bit, a
burst access bit and a 6-bit address.
During address and data transfer, the CSn pin
(Chip Select, active low) must be kept low. If
CSn
goes high during the access, the transfer
will be cancelled. The timing for the address
and data transfer on the SPI interface is shown
in Figure 6 with reference to Table 14.
When CSn goes low, the MCU must wait until
the
CC2550 SO pin goes low before starting to
transfer the header byte. This indicates that
the voltage regulator has stabilized and the
crystal is running. Unless the chip is in the
SLEEP or XOFF states or an SRES command
strobe is issued, the SO pin will always go low
immediately after taking CSn low.
Figure 7 gives a brief overview of different
register access types possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com