Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 16 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 16 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 12Page - Texas Instruments GC1012B Datasheet HTML 13Page - Texas Instruments GC1012B Datasheet HTML 14Page - Texas Instruments GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments GC1012B Datasheet HTML 17Page - Texas Instruments GC1012B Datasheet HTML 18Page - Texas Instruments GC1012B Datasheet HTML 19Page - Texas Instruments GC1012B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Texas Instruments Incorporated
- 12 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
3.2
SYNC MODE REGISTER
The sync mode register controls the action of the SS and AS sync strobes and how they affect the
chip’s internal timers, counters, and accumulators.
ADDRESS 4:
Sync Mode Register
BIT
TYPE
NAME
DESCRIPTION
0 (LSB)
R/W
SS_OFF
This bit disables the SS input.
1
R/W
AS_ON
Enables the accumulator sync AS. Normally the frequency accumulator will free
run. This bit causes the frequency accumulator to be initialized to the contents of
the frequency register when AS goes low. SS, instead of AS, will reset the
accumulator if AS_MUX is set and SS is not disabled by SS_OFF.
2
R/W
AS_MUX
Use SS for the accumulator sync. The AS input is ignored and the SS strobe is
used in its place when this bit is set and SS is not disabled by SS_OFF. (See
AS_ON and AS_FREQ).
3
R/W
LD_FREQ
Load the frequency register in the digital oscillator with the contents of the
frequency word registers. If left on, this bit will cause the frequency register to load
whenever a frequency word register is changed.
4
R/W
AS_FREQ
Enables the synchronous frequency load mode. When this bit is set and AS goes
low, the frequency register will be synchronously loaded with the contents of the
frequency control registers. SS, instead of AS, will load the frequency register if
AS_MUX is set and SS is not disabled by SS_OFF.
5
R/W
SS_DIAG
Enables diagnostic syncs. This bit routes the internal sync to the checksum
generator and to all accumulators and control counters within the chip. This forces
the chip to re-initialize at the start of every sync period. The internal sync period will
be 220 clocks if SS_MUX is set, otherwise it will be determined by the period of an
externally provided SS strobe.
6
R/W
TEST
Shortens the internal sync counter period from 220 clocks to 28 clocks. This mode
is used to test chips at the factory.
7 (MSB)
R/W
SS_MUX
Use the sync counter’s terminal count strobe for the internal sync instead of the
sync input SS. The internal sync is output on the SO pin.
The operation of these control bits are illustrated in Figure 3.
Figure 3. Sync Controls
SYNC TO
CONTROL COUNTERS
DIAGNOSTIC SYNCS
SYNC FREQ
ACCUMULATOR
LOAD FREQ REGISTER
SYNC TO SO
SS_MUX
AS_FREQ
LD_FREQ
AS_ON
AS
AS_MUX
CK
TEST
SS
SS_OFF
SS_DIAG
1
0
1
0
1
0
COUNTER
PERIOD =
{ 2
20 IF TEST = 0
2
8 IF TEST = 1
AND
OUTPUT CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com