Electronic Components Datasheet Search
  English  ▼

X  

RES Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RES
Description  Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RES Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RES_20 Datasheet HTML 1Page - List of Unclassifed Manufacturers RES_20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
81
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
= Standard values
= Non-standard values subject to minimum handling charge per item
Shaded values involve very fine resistance wire and should not be
used in critical applications without burn-in and/or thermal cycling.
0.10 ––– R10
0.13 ––– R13
0.15 ––– R15
0.20 ––– R20
0.25 ––– R25
0.30 ––– R30
0.33 ––– R33
0.50 ––– R50
0.75 ––– R75
1
––– 1R0 
1.5 –––1R5
2
–––2R0
2.2 –––2R2
3
–––3R0
4
–––4R0
5
–––5R0
7.5 –––7R5
10
–––10R
12
–––12R
15
–––15R
18
–––18R
20
–––20R
22
–––22R
25
–––25R
27
–––27R
30
–––30R
33
–––33R
35
–––35R
39
–––39R
40
–––40R
47
–––47R
50
–––50R
56
–––56R
62
–––62R
68
–––68R
75
–––75R
82
–––82R
100
–––100
120
–––120
125
–––125
150
–––150
180
–––180
200
–––200
220
–––220
225
–––225
250
–––250
270
–––270
300
–––300
330
–––330
350
–––350
390
–––390
400
–––400
450
–––450
470
–––470
500
–––500
560
–––560
600
–––600
680
–––680
750
–––750
800
–––800
820
–––820
900
–––900
1,000
–––1K0
1,100
–––1K1
1,200
–––1K2
1,500
–––1K5
1,800
–––1K8
2,000
–––2K0
2,200
–––2K2
2,500
–––2K5
2,700
–––2K7
3,000
–––3K0
3,300
–––3K3
3,500
–––3K5
3,900
–––3K9
4,000
–––4K0
4,500
–––4K5
4,700
–––4K7
5,000
–––5K0
6,000
–––6K0
6,800
–––6K8
7,000
–––7K0
7,500
–––7K5
8,000
–––8K0
9,000
–––9K0
10,000
–––10K
12,000
–––12K
13,000
–––13K
15,000
–––15K
17,000
–––17K
20,000
–––20K
22,000
–––22K
25,000
–––25K
30,000
–––30K
33,000
–––33K
35,000
–––35K
40,000
–––40K
50,000
–––50K
21JR10E
20 Series
Vitreous Enamel
Axial Lead
Wirewound
Resistance Value
R10 = 0.10Ω
1R0 = 1.0Ω
10R =10.0Ω
250 =
250Ω
1K0 = 1,000Ω
4K5 = 4,500Ω
50K = 50,000Ω
Tolerance
J = 5%
RoHS Compliant
Wattage
1= 1W
2
3
5
7
0= 10W
or D erin G in F ormation
Standard part numbers
20 Series
Vitreous Enamel Conformal Axial
Terminal Wirewound, 5% Tolerance Std.
rev 6/20-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com