Electronic Components Datasheet Search
  English  ▼

X  

21JR10E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 21JR10E
Description  Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

21JR10E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  21JR10E Datasheet HTML 1Page - List of Unclassifed Manufacturers 21JR10E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
80
20 Series
Vitreous Enamel Conformal Axial
Terminal Wirewound, 5% Tolerance Std.
LD
1.5 in. / 38.1mm
min.
Coating Conformal lead free vitreous enamel
Core Ceramic.
Terminals Solder-coated axial. RoHS solder composition is 96% Sn, 3.5% Ag, 0.5% Cu
Derating Linearly from 100% @ +25°C to 0% @ +350°C
Tolerance ±5% standard; other tolerances available
Power rating Based on 25°C free air rating (other wattages available)
Overload Under 7 watts: 5 times rated wattage for 5 seconds; 7 watts and over: 10 times rated wattage for 5 seconds
Temperature coefficient 1 to 9.99 ohms: ±50 ppm/°C; 10 ohms and over: ±30 ppm/°C
Series
Wattage
Ohms
Max. Voltage*
21
1
1.0-3.0K
75
22
2
1.0-3.0K
65
23
3
0.1-10K
135
25
5
0.1-28K
330
27
7
0.1-25K
450
20
10
0.1-100K
720
12.5 watt size available on special order
*Maximum Voltage is based on Ohm’s Law [V=√(P*R)] as limited by the resis-
tance value of specified product
Series Wattage
Length* (max.)
Diam.* (max.)
Lead ga.
21
1
0.421 / 10.7
0.156 / 4.0
24
22
2
0.421 / 10.7
0.219 / 5.6
20
23
3
0.515 / 13.1
0.220 / 5.6
20
25
5
1.015 / 25.8
0.276 / 7.0
20
27
7
1.265 / 32.1
0.394 / 10.0
20
20
10
1.859 / 47.2
0.394 / 10.0
20
*For units below 1Ω, add 15% to body diameter, 10% to body length.
Fea ture S
• Rugged vitreous enamel coating withstands high
humidity and temperature cycling.
• Durable construction, recommended for industrial
applications where reliability is paramount.
• All-welded construction.
• Flame resistant lead free vitreous enamel coating.
• RoHS compliant; Add “E” suffix to part number to
specify.
The 20 Series axial terminal resistors are both
durable and economical. They have all the electrical
attributes of the more expensive 90 Series resistors,
including all-welded construction.
They offer the durability of a lead free conformal
vitreous enamel coating and are ideal for computer,
communications and industrial applications in which
cost, quality, and reliability are key considerations.
Chara C teri S ti CS
Serie S S pe C i F i C ation S
Dimen S ion S
(in./mm max.)
(continued)


Similar Part No. - 21JR10E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
21JR10E OHMITE-21JR10E Datasheet
194Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
21JR10E OHMITE-21JR10E Datasheet
207Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
21JR10E OHMITE-21JR10E Datasheet
328Kb / 2P
All-welded construction.
21JR10E OHMITE-21JR10E Datasheet
329Kb / 2P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std.
21JR10E OHMITE-21JR10E_V01 Datasheet
329Kb / 2P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std.
More results

Similar Description - 21JR10E

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
Vitreous Enamel Wirewound Resistors
logo
List of Unclassifed Man...
91NJR10E ETC2-91NJR10E Datasheet
189Kb / 2P
Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
logo
Ohmite Mfg. Co.
21JR10E OHMITE-21JR10E Datasheet
194Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
91NJ1R0E OHMITE-91NJ1R0E Datasheet
210Kb / 2P
Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
20J500 OHMITE-20J500 Datasheet
207Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
45F120 OHMITE-45F120 Datasheet
213Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
logo
Riedon Powertron
VT-3 RIEDON-VT-3_13 Datasheet
159Kb / 2P
Vitreous Enamel Wirewound Resistors
logo
Ohmite Mfg. Co.
25J50RE OHMITE-25J50RE Datasheet
207Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
23JR30E OHMITE-23JR30E Datasheet
330Kb / 2P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std.
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com