Electronic Components Datasheet Search
  English  ▼

X  

CAT93C66 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT93C66
Description  4-Kb Microwire Serial CMOS EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C66 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT93C66 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT93C66
Doc. No. 1089 Rev. P
2
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to Ground
(2)
-0.5 to +6.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol
Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS (NEW PRODUCT, DIE REV. G)
VCC = +1.8V to +5.5V, TA=-40°C to +85°C unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Power Supply Current (Write)
fSK = 1MHz, VCC = 5.0V
1
mA
ICC2
Power Supply Current (Read)
fSK = 1MHz, VCC = 5.0V
500
µA
ISB1
Power Supply Current
(Standby) (x8 Mode)
VIN = GND or VCC, CS = GND
ORG = GND
2
µA
ISB2
Power Supply Current
(Standby) (x16 Mode)
VIN = GND or VCC, CS = GND
ORG = Float or VCC
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC, CS = GND
1
µA
VIL1
Input Low Voltage
4.5V ≤ VCC < 5.5V
-0.1
0.8
V
VIH1
Input High Voltage
4.5V ≤ VCC < 5.5V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8V ≤ VCC < 4.5V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8V ≤ VCC < 4.5V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5V ≤ VCC < 5.5V, IOL = 2.1mA
0.4
V
VOH1
Output High Voltage
4.5V ≤ VCC < 5.5V, IOH = -400µA
2.4
V
VOL2
Output Low Voltage
1.8V ≤ VCC < 4.5V, IOL = 1mA
0.2
V
VOH2
Output High Voltage
1.8V ≤ VCC < 4.5V, IOH = -100µA
VCC - 0.2
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5V or higher than VCC + 0.5V. During transitions, the voltage on any pin may
undershoot to no less than -1.5V or overshoot to no more than VCC + 1.5V, for periods of less than 20 ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Block Mode, VCC = 5V, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com