Electronic Components Datasheet Search
  English  ▼

X  

SN11220ACF Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SN11220ACF
Description  USB Audio Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11220ACF Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SN11220ACF Datasheet HTML 9Page - SONiX Technology Company SN11220ACF Datasheet HTML 10Page - SONiX Technology Company SN11220ACF Datasheet HTML 11Page - SONiX Technology Company SN11220ACF Datasheet HTML 12Page - SONiX Technology Company SN11220ACF Datasheet HTML 13Page - SONiX Technology Company SN11220ACF Datasheet HTML 14Page - SONiX Technology Company SN11220ACF Datasheet HTML 15Page - SONiX Technology Company SN11220ACF Datasheet HTML 16Page - SONiX Technology Company SN11220ACF Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
USB Audio Controller
SN11220ACF
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2006 Aug 10, V1.01
- 12 -
Bit 13 be set to “0”.
Bit 14 selects 512 times sampling rate for I
2S interface.
Bit 15 be set to “0”.
PCM IF Long-frame
PCM IF Short-frame
VII. HID bytes arrangement:
:
:
:
The SN11220ACF is equipped with a special feature to let the host software to
communicate with the USB downstream devices via the HID pipe. Using this feature,
the system manufacturers can easily upgrade or increase the functions of their product
by just updating the software installed on the PC. There are 16 bytes each for HID in
and HID out. They will be explained in the paragraphs below separately.
To receive the data from two-wire serial port and button/GPIO status from the
SN11220ACF, there are two ways. The first is to receive the HID report of the HID
pipe regularly. If any button/GPIO value changes or data received from the two-wire
serial port, the new values will be sent to the host every HID interval time(defined in
word 0x13 bit 0 to 7 and default is 10ms). The second way is to issue a HID class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com