Electronic Components Datasheet Search
  English  ▼

X  

MC7809ACTG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC7809ACTG
Description  1.0 A Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7809ACTG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC7809ACTG Datasheet HTML 5Page - ON Semiconductor MC7809ACTG Datasheet HTML 6Page - ON Semiconductor MC7809ACTG Datasheet HTML 7Page - ON Semiconductor MC7809ACTG Datasheet HTML 8Page - ON Semiconductor MC7809ACTG Datasheet HTML 9Page - ON Semiconductor MC7809ACTG Datasheet HTML 10Page - ON Semiconductor MC7809ACTG Datasheet HTML 11Page - ON Semiconductor MC7809ACTG Datasheet HTML 12Page - ON Semiconductor MC7809ACTG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
9
ELECTRICAL CHARACTERISTICS (Vin = 15 V, IO = 500 mA, TJ = Tlow to Thigh (Note 13), unless otherwise noted)
MC7809B
MC7809C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
8.65
9.0
9.35
8.65
9.0
9.35
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
11.5 Vdc
≤ Vin ≤ 24 Vdc
8.55
9.0
9.45
8.55
9.0
9.45
Line Regulation, TJ = 25°C (Note 14)
Regline
mV
11 Vdc
≤ Vin ≤ 26 Vdc
−
6.2
32
−
6.2
32
11.5 Vdc
≤ Vin ≤ 17 Vdc
−
1.8
16
−
1.8
16
Load Regulation, TJ = 25°C (Note 14)
Regload
−
1.5
35
−
1.5
35
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
−
3.4
8.0
−
3.4
8.0
mA
Quiescent Current Change
DIB
mA
11.5 Vdc
≤ Vin ≤ 26 Vdc
−
−
1.0
−
−
1.0
5.0 mA
≤ IO ≤ 1.0 A
−
−
0.5
−
−
0.5
Ripple Rejection
RR
56
61
−
56
61
−
dB
11.5 Vdc
≤ Vin ≤ 21.5 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
−
2.0
−
−
2.0
−
Vdc
Output Noise Voltage (TA = 25°C)
Vn
−
10
−
−
10
−
mV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
−
1.0
−
−
1.0
−
m
W
Short Circuit Current Limit (TA = 25°C)
ISC
−
0.2
−
−
0.2
−
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
−
2.2
−
−
2.2
−
A
Average Temperature Coefficient of Output Voltage
TCVO
−
−0.5
−
−
−0.5
−
mV/
°C
13. Tlow =0°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
14. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com