Electronic Components Datasheet Search
  English  ▼

X  

CAT522 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT522
Description  Configured Digitally Programmable Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT522 Datasheet HTML 3Page - Catalyst Semiconductor CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor CAT522 Datasheet HTML 10Page - Catalyst Semiconductor CAT522 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT522
9
Doc. No. 2004, Rev. E
APPLICATION CIRCUITS (Cont.)
Current Sink with 4 Decades of Resolution
CAT522
CAT522
Current Source with 4 Decades of Resolution
GND
VREFL
VDD
VREFH
+5V
DPP
+
–
CONTROL
& DATA
DPP
+
–
5M
5M
39
1W
39
1W
5M
5M
3.9K
LM385-2.5
-15V
5
µA steps
I
= 2 - 255 mA
SOURCE
1 mA steps
+
–
10K
10K
+15V
TIP 29
BS170P
BS170P
51K
Ω
Ω
GND
VREFL
VDD
VREFH
+5V
DPP
+
–
CONTROL
& DATA
DPP
+
–
10K
10K
39
1W
LM385-2.5
5
µA steps
I
= 2 - 255 mA
SINK
2N7000
10K
10K
TIP 30
39
1W
5M
5M
3.9K
+
–
-15V
2N7000
+5V
+15V
4.7
µA
1 mA steps
2.2K
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com