Electronic Components Datasheet Search
  English  ▼

X  

BY505 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY505
Description  High-voltage soft-recovery rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY505 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY505 Datasheet HTML 1Page - NXP Semiconductors BY505 Datasheet HTML 2Page - NXP Semiconductors BY505 Datasheet HTML 3Page - NXP Semiconductors BY505 Datasheet HTML 4Page - NXP Semiconductors BY505 Datasheet HTML 5Page - NXP Semiconductors BY505 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1996 Sep 26
2
Philips Semiconductors
Product specification
High-voltage soft-recovery rectifier
BY505
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Soft-recovery switching
characteristics
• Compact construction.
APPLICATIONS
• High-voltage applications for:
– High frequencies
– Switching applications.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package is designed to be used
in an insulating medium such as
resin, oil or SF6 gas.
Fig.1 Simplified outline (SOD61A) and symbol.
The cathode lead is marked by a black band.
handbook, halfpage
MAM162
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRSM
non-repetitive peak reverse voltage
−
2200
V
VRRM
repetitive peak reverse voltage
−
2200
V
VRW
working reverse voltage
−
2000
V
IF(AV)
average forward current
averaged over any 20 ms period;
Ttp =25 °C; lead length = 10 mm;
see Fig.2; see also Fig.4
−
85
mA
averaged over any 20 ms period;
Tamb =60 °C; PCB mounting
(see Fig.6); see Fig.3;
see also Fig.4
−
50
mA
IFRM
repetitive peak forward current
−
800
mA
IFSM
non-repetitive peak forward current
t
≤ 10 ms; half sinewave;
Tj =Tj max prior to surge;
VR =VRWmax
−
5A
Tstg
storage temperature
−65
+120
°C
Tj
junction temperature
−65
+120
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com