Electronic Components Datasheet Search
  English  ▼

X  

SN75423 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75423
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75423 Datasheet(HTML) 3 Page - Texas Instruments

  SN75423 Datasheet HTML 1Page - Texas Instruments SN75423 Datasheet HTML 2Page - Texas Instruments SN75423 Datasheet HTML 3Page - Texas Instruments SN75423 Datasheet HTML 4Page - Texas Instruments SN75423 Datasheet HTML 5Page - Texas Instruments SN75423 Datasheet HTML 6Page - Texas Instruments SN75423 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN75423, SN75424
HIGH-VOLTAGE HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAYS
SLDS115 – FEBRUARY 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
TEST
TEST CONDITIONS
SN75423
SN75424
UNIT
PARAMETER
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IC = 125 mA
5
IC = 200 mA
2.4
6
VI( )
On state input voltage
5
VCE =2V
IC = 250 mA
2.7
V
VI(on)
On-state input voltage
5
VCE = 2 V
IC = 275 mA
7
V
IC = 300 mA
3
IC = 350 mA
8
C ll
t
itt
II = 250 µA,
IC = 100 mA
0.9
1.1
0.9
1.1
VCE(sat)
Collector-emitter
saturation voltage
6
II = 350 µA,
IC = 200 mA
1
1.3
1
1.3
V
()
saturation voltage
II = 500 µA,
IC = 350 mA
1.2
1.6
1.2
1.6
VF
Clamp-diode forward
voltage
8
IF = 350 mA
1.7
2
1.7
2
V
Collector cutoff
1
VCE = 100 V,
II = 0
100
100
ICEX
Collector cutoff
current
2
VCE = 100 V,
VI = 1 V,
500
µA
current
2
CE
,
TA = 70°C
VI 1 V,
500
II( ff)
Off state input current
3
VCE = 100 V,
IC = 500 µA,
50
65
50
65
µA
II(off)
Off-state input current
3
CE
,
TA = 70°C
C
µ ,
50
65
50
65
µA
VI = 3.85 V
0.93
1.35
II(on)
Input current
4
VI = 5 V
0.35
0.5
mA
()
VI = 12 V
1
1.45
IR
Clamp-diode reverse
current
7
VR = 100 V
50
50
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
30
15
30
pF
switching characteristics, TA = 25°C free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level
output
VS = 50 V,
See Figure 9
RL = 163 Ω,
CL = 15 pF,
130
ns
tPHL
Propagation delay time, high-to-low-level
output
VS = 50 V,
See Figure 9
RL = 163 Ω,
CL = 15 pF,
20
ns
VOH
High-level output voltage after switching
VS = 60 V,
IO ≈ 300 mA, See Figure 10
VS –20
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com