Electronic Components Datasheet Search
  English  ▼

X  

ACS712 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS712
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS712 Datasheet HTML 1Page - Allegro MicroSystems ACS712 Datasheet HTML 2Page - Allegro MicroSystems ACS712 Datasheet HTML 3Page - Allegro MicroSystems ACS712 Datasheet HTML 4Page - Allegro MicroSystems ACS712 Datasheet HTML 5Page - Allegro MicroSystems ACS712 Datasheet HTML 6Page - Allegro MicroSystems ACS712 Datasheet HTML 7Page - Allegro MicroSystems ACS712 Datasheet HTML 8Page - Allegro MicroSystems ACS712 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Approximate Scale 1:1
Application 1. The ACS712 outputs an analog signal, VOUT.
that varies linearly with the uni- or bi-directional AC or DC
primary sensed current, IP, within the range specified. CF
is recommended for noise management, with values that
depend on the application.
ACS712
Description
The Allegro® ACS712 provides economical and precise
solutionsforACorDCcurrentsensinginindustrial,automotive,
commercial, and communications systems. The device
package allows for easy implementation by the customer.
Typical applications include motor control, load detection and
management, switched-mode power supplies, and overcurrent
fault protection.
The device consists of a precise, low-offset, linear Hall
sensor circuit with a copper conduction path located near the
surface of the die. Applied current flowing through this copper
conduction path generates a magnetic field which is sensed
by the integrated Hall IC and converted into a proportional
voltage. Device accuracy is optimized through the close
proximity of the magnetic signal to the Hall transducer. A
precise, proportional voltage is provided by the low-offset,
chopper-stabilized BiCMOS Hall IC, which is programmed
for accuracy after packaging.
The output of the device has a positive slope (>VIOUT(Q))
when an increasing current flows through the primary copper
conduction path (from pins 1 and 2, to pins 3 and 4), which
is the path used for current sensing. The internal resistance of
this conductive path is 1.2 mΩ typical, providing low power
ACS712-DS, Rev.1
Features and Benefits
▪ Low-noise analog signal path
▪ Device bandwidth is set via the new FILTER pin
▪ 5 μs output rise time in response to step input current
▪ 50 kHz bandwidth
▪ Total output error 1.5% at TA= 25°C, and 4% at –40°C to 85°C
▪ Small footprint, low-profile SOIC8 package
▪ 1.2 mΩ internal conductor resistance
▪ 2.1 kVRMS minimum isolation voltage from pins 1-4 to pins 5-8
▪ 5.0 V, single supply operation
▪ 66 to 185 mV/A output sensitivity
▪ Output voltage proportional to AC or DC currents
▪ Factory-trimmed for accuracy
▪ Extremely stable output offset voltage
▪ Nearly zero magnetic hysteresis
▪ Ratiometric output from supply voltage
Fully Integrated, Hall Effect-Based Linear Current Sensor
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Continued on the next page…
Package: 8 pin SOIC (suffix LC)
Typical Application
IP+
IP+
IP–
IP–
IP
5
GND
2
4
1
3
ACS712
7
8
+5 V
VIOUT
V
OUT
6
FILTER
VCC
C
BYP
0.1 μF
C
F
1 nF


Similar Part No. - ACS712

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
678Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
642Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS71240 ALLEGRO-ACS71240 Datasheet
1Mb / 21P
Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS71240KEXBLT-010B3 ALLEGRO-ACS71240KEXBLT-010B3 Datasheet
1Mb / 21P
Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
More results

Similar Description - ACS712

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS704ELC-005 ALLEGRO-ACS704ELC-005_06 Datasheet
730Kb / 20P
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
ACS713 ALLEGRO-ACS713 Datasheet
895Kb / 10P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_07 Datasheet
678Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714 Datasheet
695Kb / 15P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715 ALLEGRO-ACS715 Datasheet
619Kb / 13P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713_1 Datasheet
619Kb / 13P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
logo
Broadcom Corporation.
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
ACHS-719X BOARDCOM-ACHS-719X Datasheet
1,006Kb / 19P
Fully Integrated, Hall-Effect Based Linear Current Sensor IC with 3 kVRMS Isolation and a Low-Resistance Current Conductor
July 10, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com