Electronic Components Datasheet Search
  English  ▼

X  

ATS651LSH Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS651LSH_05 Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 9Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 10Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 11Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
11
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Power Derating
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating sup-
plied power or improving the heat dissipation properties of the
application. This section presents a procedure for correlating
factors affecting operating TJ. (Thermal data is also available on
the Allegro MicroSystems Web site.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
ΔT = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 5 V, ICC = 14 mA, and RθJA = 126 °C/W, then:
PD = VCC
× ICC = 12 V × 4.0 mA = 70.0 mW
ΔT = PD
× RθJA = 70.0 mW × 126 °C/W = 8.8°C
TJ = TA + ΔT = 25°C + 8.8°C = 23.8°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example: Reliability for VCC at TA=150°C, package SH, using
the PCB with least exposed copper.
Observe the worst-case ratings for the device, specifically:
RθJA=126°C/W, TJ(max) =165°C, VCC(max)=28V, and
ICC(max) = 16.8 mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
ΔTmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷126 °C/W=119mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 119mW÷16.8mA=7.1 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.
This value applies only to the voltage drop across the
ATS651LSH chip. If a protective series diode or resistor is used,
the effective maximum supply voltage is increased.
For example, when a standard diode with a 0.7 V drop is used:
VS(max) = 7.1 V + 0.7 V = 7.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com