Electronic Components Datasheet Search
  English  ▼

X  

ATS673 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button ATS673_06 Datasheet HTML 11Page - Allegro MicroSystems ATS673_06 Datasheet HTML 12Page - Allegro MicroSystems ATS673_06 Datasheet HTML 13Page - Allegro MicroSystems ATS673_06 Datasheet HTML 14Page - Allegro MicroSystems ATS673_06 Datasheet HTML 15Page - Allegro MicroSystems ATS673_06 Datasheet HTML 16Page - Allegro MicroSystems ATS673_06 Datasheet HTML 17Page - Allegro MicroSystems ATS673_06 Datasheet HTML 18Page - Allegro MicroSystems ATS673_06 Datasheet HTML 19Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Self-Calibrating TPOS Gear Tooth Sensor Optimized
for Automotive Cam Sensing Applications
ATS673 and
ATS674
17
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating sup-
plied power or improving the heat dissipation properties of the
application. This section presents a procedure for correlating
factors affecting operating TJ. (Thermal data is also available on
the Allegro MicroSystems Web site.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
ΔT = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VIN = 12 V, IIN = 4 mA, and RθJA = 140 °C/W, then:
PD = VIN
× IIN = 12 V × 4 mA = 48 mW
ΔT = PD
× RθJA = 48 mW × 140 °C/W = 7°C
TJ = TA + ΔT = 25°C + 7°C = 32°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level, without exceeding TJ(max), at a selected RθJA
and TA.
Example: Reliability for VCC at TA=150°C, package SE, using
minimum-K PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=101°C/W, TJ(max) =165°C, VCC(max)=26.5V, and
ICC(max) = 11 mA. Note that ICC(max) at TA=150°C is lower than
the ICC(max) at TA=25°C given in the Operating Characteristics
table.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
ΔTmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷101 °C/W=91mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 91mW÷11mA=8.3 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com