| Electronic Components Datasheet Search |
|
ATS674 Datasheet(PDF) 9 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS674 Datasheet(HTML) 9 Page - Allegro MicroSystems |
|
9 / 19 page ![]() Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications ATS673 and ATS674 9 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com Operational Description Figure 2. Device Cross Section. Motion of the target is detected by the Hall element mounted on the Hall IC. Panel A, the presence of a tooth feature on the target is distinguished by a high magnetic flux density, B. Panel B, the presence of a valley feature is distinguished by its low magnetic flux density. Assembly Description The ATS673 and ATS674 true zero-speed gear tooth sensors have a Hall IC-magnet configuration that is fully optimized to provide digital detection of gear tooth edges. This sensor is integrally molded into a plastic body that has been optimized for size, ease of assembly, and manufacturability. High operating temperature materials are used in all aspects of construction. Sensing Technology The gear tooth sensor contains a single-chip Hall effect sen- sor IC, a 4-pin leadframe and a specially designed rare-earth magnet. The Hall IC supports a Hall element that measures the magnetic gradient created by the passing of a ferrous object. This is illustrated in figure 2. The difference in the magnetic gradients created by teeth and valleys allows the devices to generate a digital output signal. Output After proper power is applied to the devices, they are then capable of providing digital information that is representative of the profile of a rotating gear, as illustrated in figure 3. No addi- tional optimization is needed and minimal processing circuitry is required. This ease of use reduces design time and incremental assembly costs for most applications. Figure 3. The magnetic profile reflects the geometry of the target, allowing the device to present an accurate digital output response. Target (Gear) Sensor Device High-B field Back-Biasing magnet Plastic Hall element Leadframe Hall IC Low-B field Pole piece (Concentrator) North Pole South Pole (A) (B) Target Mechanical Profile Target Magnet ic Profile Sensor Out put Elect rical Profile Sensor Out put Elect rical Profile -HT Option -LT Option B 0 B IN V+ V OUT V+ V OUT Sensor Output Switch State On Off On Off On Off On Off Sensor Output Switch State On Off On Off On Off On Off |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |