Electronic Components Datasheet Search
  English  ▼

X  

SN56085 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN56085
Description  4-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN56085 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN56085 Datasheet HTML 1Page - SONiX Technology Company SN56085 Datasheet HTML 2Page - SONiX Technology Company SN56085 Datasheet HTML 3Page - SONiX Technology Company SN56085 Datasheet HTML 4Page - SONiX Technology Company SN56085 Datasheet HTML 5Page - SONiX Technology Company SN56085 Datasheet HTML 6Page - SONiX Technology Company SN56085 Datasheet HTML 7Page - SONiX Technology Company SN56085 Datasheet HTML 8Page - SONiX Technology Company SN56085 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN56085
4-Channel Speech Controller
1.
INTRODUCTION
SN56085 is a 85 seconds single chip 4-channel voice synthesizer IC which contains
I/O pins and a tiny controller. By programming through the tiny controller, users’
applications including section combination, trigger modes, output status, high
performance melody, multiple voices, and other logic functions can be implemented.
2.
FEATURES
Single power supply 2.4V – 5.5V
Built in a tiny controller
85 seconds voice capacity are provided
128*4 bits RAM are provided
ROM Size
Maximum 256K*10 bits ROM size
−
−
−
−
−
64K program ROM is provided
Readable ROM code data
I/O Ports
Four 4-bit I/O ports P1, P2, P3, P6
The driving/sink current of P3.2 & P3.3 are 8mA/16mA
The IO pins P3.3 can be modulated with 38.5Khz carry signal to implement
IR function.
Built in a high quality speech synthesizer
Four independent voice channels
Adaptive playing speed from 4k-40kHz is provided for all 4 channels individually
Automatic repetition for every channel
A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized voices
Two digital mixers (with saturation control) are provided
Built in an 8-level volume control Analog Push-Pull Direct Drive circuit.
System clock: 2M Hz (RC-type or Crystal Option)
Low Voltage Reset
Built-in WDT function
Built-in Event Mark Function
Ver: 1.0
March 2,2005
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com