Electronic Components Datasheet Search
  English  ▼

X  

SN56340 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SN56340
Description  4-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN56340 Datasheet(HTML) 5 Page - SONiX Technology Company

  SN56340 Datasheet HTML 1Page - SONiX Technology Company SN56340 Datasheet HTML 2Page - SONiX Technology Company SN56340 Datasheet HTML 3Page - SONiX Technology Company SN56340 Datasheet HTML 4Page - SONiX Technology Company SN56340 Datasheet HTML 5Page - SONiX Technology Company SN56340 Datasheet HTML 6Page - SONiX Technology Company SN56340 Datasheet HTML 7Page - SONiX Technology Company SN56340 Datasheet HTML 8Page - SONiX Technology Company SN56340 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN56340
4-Channel Speech Controller
5.
FUNCTION DESCRIPTIONS
5.1. Oscillator
SN56000 series accepts crystal oscillator / ceramic resonator or RC type oscillator
(selected by pin CKSEL) for system clock. The typical circuit diagrams for oscillator
are listed as follows.
OSC/XIN
CKSEL
XOUT
VDD
RC Oscillator
Crystal / Resonator
VDD
OSC/XIN
CKSEL
XOUT
15pf
2MHz
SN56000
SN56000
15pf
5.2. ROM
SN56340 contains 1M word (10-bit) internal ROM. Program, voices, melodies, data,
and instrument waveforms share the same ROM with the others.
5.3. RAM
SN56000 series contains 128 nibble RAM. The 128 nibble RAM is separated into
eight pages (page 0, page1… page 7). An implicit page indicator is utilized to specify
page address. Eight instructions, PAGE0, PAGE1... PAGE7 can switch the page
indicator. All 16 nibbles of each page can be accessed by direct mode (to specify M0
~ M15 in the data transfer type instructions.)
5.4. Power Down Mode
“End” instruction will let SN56000 series enter power down mode and consumer very
little amount of current. (<2uA @VDD=3V and <5uA @VDD=5V) After SN56340
enters power down mode, any valid data transition (L H or H L) occurring on any
input ports or IO ports (P1, P2, P3 and P6) lead SN56000 series back to normal
operation mode.
5.5. Sampling Rate Counters
4 independent sampling rate counters are dedicated to 4 individual voice channels to
play voices with different playing rates. The playing rate is programmable from 4KHz
to 40KHz. The resolution of sampling period of each sampling rate counter is 0.25 uS.
This feature helps SN56000 series play sounds with accurate pitches in the case of
music instrument synthesis.
Ver: 1.0
March 2,2005
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com