Electronic Components Datasheet Search
  English  ▼

X  

BY715 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY715
Description  Very fast high-voltage soft-recovery rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY715 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY715 Datasheet HTML 1Page - NXP Semiconductors BY715 Datasheet HTML 2Page - NXP Semiconductors BY715 Datasheet HTML 3Page - NXP Semiconductors BY715 Datasheet HTML 4Page - NXP Semiconductors BY715 Datasheet HTML 5Page - NXP Semiconductors BY715 Datasheet HTML 6Page - NXP Semiconductors BY715 Datasheet HTML 7Page - NXP Semiconductors BY715 Datasheet HTML 8Page - NXP Semiconductors BY715 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2001 Sep 24
2
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
FEATURES
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• Soft-recovery switching characteristics
• Compact construction.
APPLICATIONS
• For high-voltage rectification up to 75 kHz
• High-voltage applications for:
– Multipliers
– Slot-wound diode-split-transformers.
DESCRIPTION
Rugged glass package, using a high temperature alloyed
construction.
This package is hermetically sealed and fatigue free as
coefficients of expansion of all used parts are matched.
The package is designed to be used in an insulating
medium such as resin, oil or SF6 gas.
handbook, halfpage
MAM163
k
a
Fig.1 Simplified outline (SOD61) and symbol.
MARKING
Table 1
Cathode band colour codes
TYPE NUMBER
PACKAGE CODE
OUTER BAND
INNER BAND
BY715
SOD61E
green
brown
BY716
SOD61E
red
brown
BY717
SOD61E
green
red
BY718
SOD61E
blue
red
BY719
SOD61E
yellow
red
BY720
SOD61G
red
green
BY721
SOD61G
blue
green
BY722
SOD61K
red
blue
BY723
SOD61K
green
blue
BY724
SOD61K
yellow
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com