Electronic Components Datasheet Search
  English  ▼

X  

SN69040B Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN69040B
Description  LCD Controller with Voice/Dual Tone Melody
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN69040B Datasheet(HTML) 3 Page - SONiX Technology Company

  SN69040B Datasheet HTML 1Page - SONiX Technology Company SN69040B Datasheet HTML 2Page - SONiX Technology Company SN69040B Datasheet HTML 3Page - SONiX Technology Company SN69040B Datasheet HTML 4Page - SONiX Technology Company SN69040B Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN69040B
LCD Controller with Voice/Dual Tone Melody
ABSOLUTELY MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating
Temperature
TOP
-20.0
70.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC
ELECTRICAL CHARACTERISTIC
Item
Sym. Min. Typ.
Max.
Unit Condition
Operating
Voltage
VDD
2.4
3.0
5.1
V
Standby current 1 ISBY1
-
2.5
3.5
uA
VDD=3V,both system
clk and 32768 Hz clk
are off
Operating
current
IOPR
-
450
uA
VDD=3V, no load
Input current
of ,P2,P3
IIH
-
3.0
10.0
uA
VDD=3V,VIN=3V
Drive current
of P2,P3,P4,P5
IOD
2
-
-
mA VDD=3V,VO=2.6V
large Sink current
of P2,P3,P4,P5
IOS1
3
-
-
mA VDD=3V,VO=0.4V
Input Pull Low
Resistor
R
-
1
-
MΩ VDD=3V
D/A output current IVO
-
3.0
-
mA VDD=3V,VO=0.7V
Buzzer drive
current
IBZD
15
mA VDD=3V,VO=1.5V
Buzzer sink
current
IBZS
15
mA VDD=3V,VO=1.5V
Oscillation
resistor
R
-
330
-
KΩ VDD=3V
Oscillation Freq. FOSC
-
1.0
-
MHZ VDD=3V
Ver 1.1
February 15, 2006
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com