Electronic Components Datasheet Search
  English  ▼

X  

BY717 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY717
Description  Very fast high-voltage soft-recovery rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY717 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY717 Datasheet HTML 1Page - NXP Semiconductors BY717 Datasheet HTML 2Page - NXP Semiconductors BY717 Datasheet HTML 3Page - NXP Semiconductors BY717 Datasheet HTML 4Page - NXP Semiconductors BY717 Datasheet HTML 5Page - NXP Semiconductors BY717 Datasheet HTML 6Page - NXP Semiconductors BY717 Datasheet HTML 7Page - NXP Semiconductors BY717 Datasheet HTML 8Page - NXP Semiconductors BY717 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2001 Sep 24
3
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRSM
non-repetitive peak voltage
BY715
−
5kV
BY716
−
6kV
BY717
−
10
kV
BY718
−
12
kV
BY719
−
14
kV
BY720
−
17
kV
BY721
−
19
kV
BY722
−
22
kV
BY723
−
24
kV
BY724
−
30
kV
VRRM
repetitive peak reverse voltage
BY715
−
5kV
BY716
−
6kV
BY717
−
10
kV
BY718
−
12
kV
BY719
−
14
kV
BY720
−
17
kV
BY721
−
19
kV
BY722
−
22
kV
BY723
−
24
kV
BY724
−
30
kV
VRW
working reverse voltage
BY715
−
4kV
BY716
−
5kV
BY717
−
9kV
BY718
−
10
kV
BY719
−
12
kV
BY720
−
14
kV
BY721
−
16
kV
BY722
−
18
kV
BY723
−
20
kV
BY724
−
24
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com