Electronic Components Datasheet Search
  English  ▼

X  

3889 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3889
Description  4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3889 Datasheet(HTML) 1 Page - 3M Electronics

  3889 Datasheet HTML 1Page - 3M Electronics 3889 Datasheet HTML 2Page - 3M Electronics 3889 Datasheet HTML 3Page - 3M Electronics 3889 Datasheet HTML 4Page - 3M Electronics 3889 Datasheet HTML 5Page - 3M Electronics 3889 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - 3889

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3889 3M-3889 Datasheet
1Mb / 5P
100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
logo
Adafruit Industries
3889 ADAFRUIT-3889 Datasheet
148Kb / 1P
Silicone Cover Stranded Core Ribbon Cable 4 Wires 1 Meter Long 30 AWG Black
logo
Festo Corporation.
3889257 FESTO-3889257 Datasheet
99Kb / 1P
Mounting bracket
More results

Similar Description - 3889

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
3M™ Three-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
logo
FCI connector
53612 FCI-CONNECTOR-53612 Datasheet
206Kb / 2P
100/2.54cc EJECT LATCH SHOROUDED VERTICAL HEADER
logo
3M Electronics
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight, Compliant Pin
03-Apr-2013
logo
FCI connector
53612-G34-4 FCI-CONNECTOR-53612-G34-4 Datasheet
206Kb / 2P
100/2.54cc EJECT LATCH SHOROUDED VERTICAL HEADER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com