Electronic Components Datasheet Search
  English  ▼

X  

CD54HC125 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC125
Description  High-Speed CMOS Logic Quad Buffer, Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC125 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC125 Datasheet HTML 1Page - Texas Instruments CD54HC125 Datasheet HTML 2Page - Texas Instruments CD54HC125 Datasheet HTML 3Page - Texas Instruments CD54HC125 Datasheet HTML 4Page - Texas Instruments CD54HC125 Datasheet HTML 5Page - Texas Instruments CD54HC125 Datasheet HTML 6Page - Texas Instruments CD54HC125 Datasheet HTML 7Page - Texas Instruments CD54HC125 Datasheet HTML 8Page - Texas Instruments CD54HC125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS143C
Features
• Three-State Outputs
• Separate Output Enable Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC125 and ’HCT125 contain 4 independent three-state
buffers, each having its own output enable input, which when
“HIGH” puts the output in the high impedance state.
Pinout
CD54HC125, CD54HCT125
(CERDIP)
CD74HC125, CD74HCT125
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC125F3A
-55 to 125
14 Ld CERDIP
CD54HCT125F3A
-55 to 125
14 Ld CERDIP
CD74HC125E
-55 to 125
14 Ld PDIP
CD74HC125M
-55 to 125
14 Ld SOIC
CD74HC125MT
-55 to 125
14 Ld SOIC
CD74HC125M96
-55 to 125
14 Ld SOIC
CD74HCT125E
-55 to 125
14 Ld PDIP
CD74HCT125M
-55 to 125
14 Ld SOIC
CD74HCT125MT
-55 to 125
14 Ld SOIC
CD74HCT125M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
November 1997 - Revised August 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC125, CD74HC125,
CD54HCT125, CD74HCT125
High-Speed CMOS Logic
Quad Buffer, Three-State
[ /Title
(CD74
HC125
,
CD74
HCT12
5)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
Buffer,
Three-
State)


Similar Part No. - CD54HC125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI1-CD54HC125 Datasheet
618Kb / 16P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI2-CD54HC125 Datasheet
632Kb / 24P
CD74HC125-Q1 Automotive Quadruple Buffers with 3-State Outputs
REVISED APRIL 2020
CD54HC125 TI2-CD54HC125 Datasheet
1Mb / 26P
CDx4HC125 Quadruple Buffers with 3-State Outputs
REVISED APRIL 2021
CD54HC125 TI2-CD54HC125 Datasheet
1Mb / 26P
CDx4HC125 Quadruple Buffers with 3-State Outputs
REVISED APRIL 2021
More results

Similar Description - CD54HC125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC125 TI-CD74HC125 Datasheet
36Kb / 7P
High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126 TI-CD74HC126 Datasheet
36Kb / 7P
High Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126 Datasheet
257Kb / 10P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC125 TI1-CD54HC125_14 Datasheet
618Kb / 16P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI1-CD54HC126_15 Datasheet
831Kb / 16P
High-Speed CMOS Logic Quad Buffer, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com