Electronic Components Datasheet Search
  English  ▼

X  

BY722 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BY722
Description  Very fast high-voltage soft-recovery rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY722 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BY722 Datasheet HTML 3Page - NXP Semiconductors BY722 Datasheet HTML 4Page - NXP Semiconductors BY722 Datasheet HTML 5Page - NXP Semiconductors BY722 Datasheet HTML 6Page - NXP Semiconductors BY722 Datasheet HTML 7Page - NXP Semiconductors BY722 Datasheet HTML 8Page - NXP Semiconductors BY722 Datasheet HTML 9Page - NXP Semiconductors BY722 Datasheet HTML 10Page - NXP Semiconductors BY722 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2001 Sep 24
7
Philips Semiconductors
Product specification
Very fast high-voltage soft-recovery rectifiers
BY715 to BY724
handbook, halfpage
020
40
80
VF (V)
IF
(mA)
200
0
160
60
120
80
40
MBL352
Fig.6
Forward current as a function of maximum
forward voltage.
BY715 and BY716
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
120
160
80
40
200
VF (V)
IF
(mA)
200
0
160
120
80
40
MBL353
Fig.7
Forward current as a function of maximum
forward voltage.
BY717 to BY719
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
200
0
40
240
200
VF (V)
IF
(mA)
160
120
0
80
40
80
120
160
MBL354
Fig.8
Forward current as a function of maximum
forward voltage.
BY720 and BY721
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
100
200
400
VF (V)
IF
(mA)
200
0
160
300
120
80
40
MBL355
Fig.9
Forward current as a function of maximum
forward voltage.
BY722 to BY724
Dotted line; Tj = 120 °C.
Solid line: Tj =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com