Electronic Components Datasheet Search
  English  ▼

X  

BY8016 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY8016
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8016 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY8016 Datasheet HTML 1Page - NXP Semiconductors BY8016 Datasheet HTML 2Page - NXP Semiconductors BY8016 Datasheet HTML 3Page - NXP Semiconductors BY8016 Datasheet HTML 4Page - NXP Semiconductors BY8016 Datasheet HTML 5Page - NXP Semiconductors BY8016 Datasheet HTML 6Page - NXP Semiconductors BY8016 Datasheet HTML 7Page - NXP Semiconductors BY8016 Datasheet HTML 8Page - NXP Semiconductors BY8016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1996 May 24
4
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8000 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; Tj =Tj max;
see Figs 9 to 15
BY8004
−−
20
V
BY8006
−−
25
V
BY8008
−−
30
V
BY8010
−−
38
V
BY8012
−−
50
V
BY8014
−−
55
V
BY8016
−−
63
V
IR
reverse current
VR =VRWmax; Tj = 120 °C
−−
3
µA
Qr
recovery charge
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.16
−−
1nC
tf
fall time
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.16
80
−−
ns
trr
reverse recovery time
when switched from IF = 2 mA to
IR = 4 mA; measured at IR = 1 mA;
see Fig.17
−−
100
ns
Cd
diode capacitance
VR =0V; f=1MHz
BY8004
−
0.90
−
pF
BY8006
−
0.65
−
pF
BY8008
−
0.55
−
pF
BY8010
−
0.45
−
pF
BY8012
−
0.35
−
pF
BY8014
−
0.30
−
pF
BY8016
−
0.25
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com