Electronic Components Datasheet Search
  English  ▼

X  

BY9210 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BY9210
Description  Ultra fast high-voltage soft-recovery controlled avalanche rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9210 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BY9210 Datasheet HTML 4Page - NXP Semiconductors BY9210 Datasheet HTML 5Page - NXP Semiconductors BY9210 Datasheet HTML 6Page - NXP Semiconductors BY9210 Datasheet HTML 7Page - NXP Semiconductors BY9210 Datasheet HTML 8Page - NXP Semiconductors BY9210 Datasheet HTML 9Page - NXP Semiconductors BY9210 Datasheet HTML 10Page - NXP Semiconductors BY9210 Datasheet HTML 11Page - NXP Semiconductors BY9210 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1998 Dec 04
8
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery
controlled avalanche rectifier
BY9200 series




REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD118B
98-05-28
Hermetically sealed plastic package; axial leaded; 2 leads
SOD118B
DIMENSIONS (mm are the original dimensions)
G
L
D
L
b
0
2.5
5 mm
scale
UNIT
b
mm
0.5
DG
29
10.5
9.5
2.6
2.4
L
min.
Note
1. The marking bands indicate the cathode.
(1)
k
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com