Electronic Components Datasheet Search
  English  ▼

X  

BY9212 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY9212
Description  Ultra fast high-voltage soft-recovery controlled avalanche rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9212 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY9212 Datasheet HTML 1Page - NXP Semiconductors BY9212 Datasheet HTML 2Page - NXP Semiconductors BY9212 Datasheet HTML 3Page - NXP Semiconductors BY9212 Datasheet HTML 4Page - NXP Semiconductors BY9212 Datasheet HTML 5Page - NXP Semiconductors BY9212 Datasheet HTML 6Page - NXP Semiconductors BY9212 Datasheet HTML 7Page - NXP Semiconductors BY9212 Datasheet HTML 8Page - NXP Semiconductors BY9212 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Dec 04
2
Philips Semiconductors
Product specification
Ultra fast high-voltage soft-recovery
controlled avalanche rectifier
BY9200 series
FEATURES
• Plastic package
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• 40% overvoltage allowed during
5 sec
• Guaranteed avalanche energy
absorption capability
• Very low reverse recovery time
• Soft-recovery switching
characteristics
• Compact construction.
APPLICATIONS
• Colour television and monitors up
to 130 kHz (indication)
• High-voltage applications for:
– multipliers
– diode-split-transformers (FBT’s)
DESCRIPTION
Plastic package, using glass
passivation and a high temperature
alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package should be used in an
insulating medium such as resin, oil
or SF6 gas.
MARKING
Cathode band colour codes
TYPE NUMBER
PACKAGE CODE
INNER BAND
OUTER BAND
BY9206
SOD118A
green
light blue
BY9208
SOD118A
red
light blue
BY9210
SOD118B
violet
light blue
BY9212
SOD118B
orange
light blue
Fig.1 Simplified outline (SOD118A; SOD118B) and symbol.
handbook, halfpage




ka
MAM402
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM1
repetitive peak reverse voltage
BY9206
−
6kV
BY9208
−
8kV
BY9210
−
10
kV
BY9212
−
12
kV
VRRM2
repetitive peak reverse voltage
max. 5 sec.
BY9206
−
8.4
kV
BY9208
−
11.2
kV
BY9210
−
14.0
kV
BY9212
−
16.8
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com