Electronic Components Datasheet Search
  English  ▼

X  

TMDS341A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341A
Description  3-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS341A Datasheet HTML 9Page - Texas Instruments TMDS341A Datasheet HTML 10Page - Texas Instruments TMDS341A Datasheet HTML 11Page - Texas Instruments TMDS341A Datasheet HTML 12Page - Texas Instruments TMDS341A Datasheet HTML 13Page - Texas Instruments TMDS341A Datasheet HTML 14Page - Texas Instruments TMDS341A Datasheet HTML 15Page - Texas Instruments TMDS341A Datasheet HTML 16Page - Texas Instruments TMDS341A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
Data +
Data −
Clk+
Clk−
Video Patterm
Generator
1000 mVpp
Differential
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
<2” 50
Ω
Transmission Line
5m 28AWG
HDMI Cable
TMDS341A
RX
+
EQ
M
U
X
OUT
0dB
RX
+
EQ
M
U
X
OUT
0dB
<2” 50
Ω
Transmission Line
<2” 50
Ω
Transmission Line
<2” 50
Ω
Transmission Line
SMA
SMA
SMA
SMA
SMA
SMA
SMA
SMA
AVcc
RT
RT
AVcc
RT
RT
Jitter Test
Instrument
Jitter Test
Instrument
TP3
TP2
TP1
TMDS341 input equalization gain vs. 5m DVI/HDMI cable response
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0
200
400
600
800
1000 1200 1400 1600 1800 2000
f − Frequency − MHz
Inversed TMDS341 EQ Gain
28 AWG 5m HDMI Cable
28 AWG 5m DVI Cable
TMDS341A
SLLS702B – MAY 2006 – REVISED MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All jitters are measured in BER of 10-12
B.
The residual jitter reflects the total jitter measured at the TMDS341A output, TP3, subtract the total jitter from the
signal generator, TP1
Figure 8. Jitter Test Circuit
Figure 9 shows the frequency loss response from a 5m 28AWG HDMI cable and a 5m 28AWG DVI cable. The
TMDS341A built-in passive input equalizer compensates for ISI. For an 8-dB loss HDMI cable, the TMDS341A
typically reduces jitter by 60 ps from the device input to the device output.
Figure 9. S-Parameter Plots of 5-m DVI and HDMI Cables
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com