Electronic Components Datasheet Search
  English  ▼

X  

BY9310 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY9310
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9310 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY9310 Datasheet HTML 1Page - NXP Semiconductors BY9310 Datasheet HTML 2Page - NXP Semiconductors BY9310 Datasheet HTML 3Page - NXP Semiconductors BY9310 Datasheet HTML 4Page - NXP Semiconductors BY9310 Datasheet HTML 5Page - NXP Semiconductors BY9310 Datasheet HTML 6Page - NXP Semiconductors BY9310 Datasheet HTML 7Page - NXP Semiconductors BY9310 Datasheet HTML 8Page - NXP Semiconductors BY9310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Jan 10
4
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY9300 series
Note
1. Withstands peak currents during flash-over in a picture tube.
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
BY9304
−65
+160
°C
BY9306
−65
+160
°C
BY9308
−65
+155
°C
BY9310
−65
+150
°C
BY9312
−65
+145
°C
BY9314
−65
+140
°C
BY9316
−65
+140
°C
BY9318
−65
+135
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF =10mA
BY9304
−
10
V
BY9306
−
14
V
BY9308
−
20
V
BY9310
−
24
V
BY9312
−
30
V
BY9314
−
34
V
BY9316
−
40
V
BY9318
−
44
V
IR
reverse current
VR =VRRM1
−
1
µA
VR =VRRM1; Tj = 120 °C
−
3
µA
Qr
recovery charge
when switched from IF = 100 mA
to VR ≥ 100 V and
dIF/dt = −200 mA/µs
0.7
−
nC
trr
reverse recovery time
when switched from IF = 2 mA to
IR = 4 mA; measured at IR =1mA
−
80
ns
Cd
diode capacitance
VR = 0; f = 1 MHz
BY9304
1.20
−
pF
BY9306
0.80
−
pF
BY9308
0.60
−
pF
BY9310
0.50
−
pF
BY9312
0.40
−
pF
BY9314
0.35
−
pF
BY9316
0.30
−
pF
BY9318
0.25
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com