Electronic Components Datasheet Search
  English  ▼

X  

BY9416 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY9416
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9416 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY9416 Datasheet HTML 1Page - NXP Semiconductors BY9416 Datasheet HTML 2Page - NXP Semiconductors BY9416 Datasheet HTML 3Page - NXP Semiconductors BY9416 Datasheet HTML 4Page - NXP Semiconductors BY9416 Datasheet HTML 5Page - NXP Semiconductors BY9416 Datasheet HTML 6Page - NXP Semiconductors BY9416 Datasheet HTML 7Page - NXP Semiconductors BY9416 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Jan 10
2
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY9400 series
FEATURES
• Plastic package
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• 40% overvoltage allowed during 5 seconds
• Guaranteed avalanche energy absorption capability
• Very low reverse recovery time
• Soft-recovery switching characteristics
• Compact construction.
APPLICATIONS
• For colour television and monitors up to 32 kHz
(indication)
• High-voltage applications for:
– Multipliers
– Diode-split-transformers (FBTs).
DESCRIPTION
Plastic package, using glass passivation and a high
temperature alloyed construction.
This package is hermetically sealed and fatigue free as
coefficients of expansion of all used parts are matched.
The package should be used in an insulating medium such
as resin, oil or SF6 gas.
handbook, halfpage




ka
MAM402
Fig.1 Simplified outline (SOD107B) and symbol.
MARKING
Cathode band colour codes.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
TYPE NUMBER
PACKAGE CODE
OUTER BAND
INNER BAND
BY9410
SOD107B
orange
violet
BY9412
SOD107B
orange
orange
BY9414
SOD107B
orange
lilac
BY9416
SOD107B
orange
grey
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM1
repetitive peak reverse voltage
BY9410
−
10
kV
BY9412
−
12
kV
BY9414
−
14
kV
BY9416
−
16
kV
VRRM2
repetitive peak reverse voltage
max. 5 seconds
BY9410
−
14.0
kV
BY9412
−
16.8
kV
BY9414
−
19.6
kV
BY9416
−
22.4
kV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com