Electronic Components Datasheet Search
  English  ▼

X  

MPF102 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPF102
Description  JFET VHF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF102 Datasheet(HTML) 1 Page - ON Semiconductor

  MPF102_06 Datasheet HTML 1Page - ON Semiconductor MPF102_06 Datasheet HTML 2Page - ON Semiconductor MPF102_06 Datasheet HTML 3Page - ON Semiconductor MPF102_06 Datasheet HTML 4Page - ON Semiconductor MPF102_06 Datasheet HTML 5Page - ON Semiconductor MPF102_06 Datasheet HTML 6Page - ON Semiconductor MPF102_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 3
1
Publication Order Number:
MPF102/D
MPF102
Preferred Devices
JFET VHF Amplifier
N−Channel − Depletion
Features
• Pb−Free Package is Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain −Source Voltage
VDS
25
Vdc
Drain −Gate Voltage
VDG
25
Vdc
Gate−Source Voltage
VGS
−25
Vdc
Gate Current
IG
10
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Junction Temperature Range
TJ
125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
2 SOURCE
3
GATE
1 DRAIN
TO−92 (TO−226AA)
CASE 29−11
STYLE 5
1
2
3
MARKING DIAGRAM
MPF102 = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MPF
102
AYWW
G
G
Preferred devices are recommended choices for future use
and best overall value.
Device
Shipping
ORDERING INFORMATION
MPF102
1000 Units/Bulk
MPF102G
TO−92
(Pb−Free)
1000 Units/Bulk
(Note: Microdot may be in either location)
Package
TO−92


Similar Part No. - MPF102_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
N-Channel RF Amplifier
More results

Similar Description - MPF102_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4416LT1 MOTOROLA-MMBF4416LT1 Datasheet
292Kb / 10P
JFET VHF/UHF Amplifier Transistor
MMBFJ309LT1 MOTOROLA-MMBFJ309LT1 Datasheet
165Kb / 6P
JFET VHF/UHF Amplifier Transistor
MPF102 MOTOROLA-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
logo
ON Semiconductor
MMBF4416LT1 ONSEMI-MMBF4416LT1 Datasheet
172Kb / 8P
JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MMBFJ309LT1 ONSEMI-MMBFJ309LT1 Datasheet
165Kb / 8P
JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MPF102 ONSEMI-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
1997
MMBFJ309LT1G ONSEMI-MMBFJ309LT1G_09 Datasheet
150Kb / 5P
JFET - VHF/UHF Amplifier Transistor
August, 2009 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
ON Semiconductor
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
MMBFJ309L ONSEMI-MMBFJ309L Datasheet
167Kb / 5P
JFET - VHF/UHF Amplifier Transistor
November, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com