Electronic Components Datasheet Search
  English  ▼

X  

MPF4392 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPF4392
Description  JFET Switching Transistors N?묬hannel ??Depletion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF4392 Datasheet(HTML) 4 Page - ON Semiconductor

  MPF4392 Datasheet HTML 1Page - ON Semiconductor MPF4392 Datasheet HTML 2Page - ON Semiconductor MPF4392 Datasheet HTML 3Page - ON Semiconductor MPF4392 Datasheet HTML 4Page - ON Semiconductor MPF4392 Datasheet HTML 5Page - ON Semiconductor MPF4392 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPF4392, MPF4393
http://onsemi.com
4
Figure 5. Switching Time Test Circuit
10
2.0
15
3.0
5.0
7.0
0.5
1.0
3.0
30
5.0
0.3
0.1
10
0.05
0.03
VR, REVERSE VOLTAGE (VOLTS)
50
170
20
−10
−40
80
140
−70
1.8
1.0
2.0
1.2
1.4
1.6
0.8
0.6
0.4
Tchannel, CHANNEL TEMPERATURE (°C)
1.5
1.0
110
VDD
VGG
RGG
RT
RGEN
50
W
VGEN
RK
RD
OUTPUT
INPUT
50
W
50
W
SET VDS(off) = 10 V
INPUT PULSE
tr ≤ 0.25 ns
tf ≤ 0.5 ns
PULSE WIDTH = 2.0
ms
DUTY CYCLE
≤ 2.0%
RGG & RK
RD′ = RD(RT + 50)
RD + RT + 50
Figure 6. Typical Forward Transfer Admittance
NOTE 1
The switching characteristics shown above were measured using a
test circuit similar to Figure 5. At the beginning of the switching
interval, the gate voltage is at Gate Supply Voltage (−VGG). The
Drain−Source Voltage (VDS) is slightly lower than Drain Supply
Voltage (VDD) due to the voltage divider. Thus Reverse Transfer
Capacitance (Crss) or Gate−Drain Capacitance (Cgd) is charged to
VGG + VDS.
During the turn−on interval, Gate−Source Capacitance (Cgs)
discharges through the series combination of RGen and RK. Cgd
must discharge to VDS(on) through RG and RK in series with the
parallel combination of effective load impedance (R
′D) and
Drain−Source Resistance (rds). During the turn−off, this charge
flow is reversed.
Predicting turn−on time is somewhat difficult as the channel
resistance rds is a function of the gate−source voltage. While Cgs
discharges, VGS approaches zero and rds decreases. Since Cgd
discharges through rds, turn−on time is non−linear. During turn−off,
the situation is reversed with rds increasing as Cgd charges.
The above switching curves show two impedance conditions:
1) RK is equal to RD
′ which simulates the switching behavior of
cascaded stages where the driving source impedance is normally the
load impedance of the previous stage, and 2) RK = 0 (low
impedance) the driving source impedance is that of the generator.
Figure 7. Typical Capacitance
ID, DRAIN CURRENT (mA)
2.0
5.0
3.0
7.0
0.5
1.0
3.0
7.0
5.0
50
30
10
20
0.7
2.0
10
20
80
120
160
200
1.0
3.0
5.0
2.0
VGS, GATE−SOURCE VOLTAGE (VOLTS)
4.0
0
40
6.0
7.0
8.0
0
Tchannel = 25°C
(Cds IS NEGLIGIBLE)
Cgs
Tchannel = 25°C
VDS = 15 V
Figure 8. Effect of Gate−Source Voltage
On Drain−Source Resistance
Figure 9. Effect of Temperature On
Drain−Source On−State Resistance
MPF4392
MPF4393
Cgd
ID = 1.0 mA
VGS = 0
IDSS
= 10
mA
25
mA
50 mA
75 mA 100 mA
125 mA
Tchannel = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com