Electronic Components Datasheet Search
  English  ▼

X  

MPF4393RLRP Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPF4393RLRP
Description  JFET Switching Transistors N?묬hannel ??Depletion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF4393RLRP Datasheet(HTML) 1 Page - ON Semiconductor

  MPF4393RLRP Datasheet HTML 1Page - ON Semiconductor MPF4393RLRP Datasheet HTML 2Page - ON Semiconductor MPF4393RLRP Datasheet HTML 3Page - ON Semiconductor MPF4393RLRP Datasheet HTML 4Page - ON Semiconductor MPF4393RLRP Datasheet HTML 5Page - ON Semiconductor MPF4393RLRP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 5
1
Publication Order Number:
MPF4392/D
MPF4392, MPF4393
Preferred Devices
JFET Switching Transistors
N−Channel − Depletion
Features
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain −Source Voltage
VDS
30
Vdc
Drain −Gate Voltag
VDG
30
Vdc
Gate−Source Voltage
VGS
30
Vdc
Forward Gate Current
IG(f)
50
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Operating and Storage Channel
Temperature Range
Tchannel,
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
2 SOURCE
3
GATE
1 DRAIN
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping†
ORDERING INFORMATION
MPF4392
TO−92
1000 Units / Bulk
MPF4392G
TO−92
(Pb−Free)
1000 Units / Bulk
MPF4393
TO−92
1000 Units / Bulk
MPF4393G
TO−92
(Pb−Free)
1000 Units / Bulk
MPF4393RLRP
TO−92
1000 / Ammo Box
MPF4393RLRPG
TO−92
(Pb−Free)
1000 / Ammo Box
TO−92 (TO−226AA)
CASE 29−11
STYLE 5
1
2
3
MARKING DIAGRAM
MPF439x = Device Code
x = 2 or 3
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MPF
439x
AYWW
G
G
(Note: Microdot may be in either location)


Similar Part No. - MPF4393RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPF4393RLRP ONSEMI-MPF4393RLRP Datasheet
126Kb / 6P
JFET Switching Transistors
February, 2012 ??Rev. 6
MPF4393RLRPG ONSEMI-MPF4393RLRPG Datasheet
126Kb / 6P
JFET Switching Transistors
February, 2012 ??Rev. 6
More results

Similar Description - MPF4393RLRP

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4392 SEME-LAB-2N4392 Datasheet
15Kb / 2P
JFET SWITCHING N CHANNEL- DEPLETION
logo
Motorola, Inc
2N4856 MOTOROLA-2N4856 Datasheet
278Kb / 2P
JFET SWITCHING N-CHANNEL-DEPLETION
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5555 ONSEMI-2N5555_01 Datasheet
175Kb / 8P
JFET Switching N-Channel - Depletion
November, 2001 ??Rev. 3
J110 ONSEMI-J110 Datasheet
52Kb / 4P
JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
J111 ONSEMI-J111 Datasheet
85Kb / 5P
JFET Chopper Transistors N?묬hannel - Depletion
March, 2006 ??Rev. 2
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
logo
Seme LAB
2N4392 SEME-LAB-2N4392_03 Datasheet
20Kb / 2P
JFET SWITCHING N CHANNEL- DEPLETION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com