Electronic Components Datasheet Search
  English  ▼

X  

BY9316 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY9316
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9316 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY9316 Datasheet HTML 1Page - NXP Semiconductors BY9316 Datasheet HTML 2Page - NXP Semiconductors BY9316 Datasheet HTML 3Page - NXP Semiconductors BY9316 Datasheet HTML 4Page - NXP Semiconductors BY9316 Datasheet HTML 5Page - NXP Semiconductors BY9316 Datasheet HTML 6Page - NXP Semiconductors BY9316 Datasheet HTML 7Page - NXP Semiconductors BY9316 Datasheet HTML 8Page - NXP Semiconductors BY9316 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Jan 10
3
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY9300 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM1
repetitive peak reverse voltage
BY9304
−
4kV
BY9306
−
6kV
BY9308
−
8kV
BY9310
−
10
kV
BY9312
−
12
kV
BY9314
−
14
kV
BY9316
−
16
kV
BY9318
−
18
kV
VRRM2
repetitive peak reverse voltage
max. 5 seconds
BY9304
−
5.6
kV
BY9306
−
8.4
kV
BY9308
−
11.2
kV
BY9310
−
14.0
kV
BY9312
−
16.8
kV
BY9314
−
19.6
kV
BY9316
−
22.4
kV
BY9318
−
25.2
kV
VRSM
non-repetitive peak reverse voltage
BY9304
−
5.6
kV
BY9306
−
8.4
kV
BY9308
−
11.2
kV
BY9310
−
14.0
kV
BY9312
−
16.8
kV
BY9314
−
19.6
kV
BY9316
−
22.4
kV
BY9318
−
25.2
kV
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
Tj =Tj max prior to surge
−
0.5
A
IF(AV)
average forward current
averaged over any 20 ms period
BY9304
−
20
mA
BY9306
−
10
mA
BY9308
−
5mA
BY9310
−
5mA
BY9312
−
5mA
BY9314
−
5mA
BY9316
−
5mA
BY9318
−
5mA
IFRM
repetitive peak forward current
note 1
−
500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com