Electronic Components Datasheet Search
  English  ▼

X  

BY9318 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY9318
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY9318 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY9318 Datasheet HTML 1Page - NXP Semiconductors BY9318 Datasheet HTML 2Page - NXP Semiconductors BY9318 Datasheet HTML 3Page - NXP Semiconductors BY9318 Datasheet HTML 4Page - NXP Semiconductors BY9318 Datasheet HTML 5Page - NXP Semiconductors BY9318 Datasheet HTML 6Page - NXP Semiconductors BY9318 Datasheet HTML 7Page - NXP Semiconductors BY9318 Datasheet HTML 8Page - NXP Semiconductors BY9318 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 Jan 10
2
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY9300 series
FEATURES
• Plastic package
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• 40% overvoltage allowed during 5 seconds
• Guaranteed avalanche energy absorption capability
• Very low reverse recovery time
• Soft-recovery switching characteristics
• Compact construction.
APPLICATIONS
• For colour television and monitors up to 32 kHz
(indication)
• High-voltage applications for:
– Multipliers
– Diode-split-transformers (FBTs).
DESCRIPTION
Plastic package, using glass passivation and a high
temperature alloyed construction.
This package is hermetically sealed and fatigue free as
coefficients of expansion of all used parts are matched.
The package should be used in an insulating medium such
as resin, oil or SF6 gas.
handbook, halfpage




ka
MAM402
Fig.1 Simplified outline (SOD118A/B) and symbol.
MARKING
Cathode band colour codes.
TYPE NUMBER
PACKAGE CODE
OUTER BAND
INNER BAND
BY9304
SOD118A
white
−
BY9306
SOD118A
white
green
BY9308
SOD118A
white
red
BY9310
SOD118B
white
violet
BY9312
SOD118B
white
orange
BY9314
SOD118B
white
lilac
BY9316
SOD118B
white
grey
BY9318
SOD118B
white
brown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com