Electronic Components Datasheet Search
  English  ▼

X  

SNC82268 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNC82268
Description  12-Channel MIDI/Speech Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82268 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNC82268 Datasheet HTML 1Page - SONiX Technology Company SNC82268 Datasheet HTML 2Page - SONiX Technology Company SNC82268 Datasheet HTML 3Page - SONiX Technology Company SNC82268 Datasheet HTML 4Page - SONiX Technology Company SNC82268 Datasheet HTML 5Page - SONiX Technology Company SNC82268 Datasheet HTML 6Page - SONiX Technology Company SNC82268 Datasheet HTML 7Page - SONiX Technology Company SNC82268 Datasheet HTML 8Page - SONiX Technology Company SNC82268 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SNC82268
12-Channel MIDI/Speech Controller
Ver: 1.6
Sep. 8, 2006
2
AMENDENT HISTORY
Version
Date
Description
Ver 1.0
October 07, 2004
First issue
Ver 1.1
November 12, 2004 Modify Application Circuit.
Ver 1.2
March 21, 2005
1. Oscillator R-Type is “no connect”. Page5
2. Modify Application Circuit.(Low CLK Mode, 32768,
R-Type, Xin and Xout no connect) Page10
3. Modify Electric Characteristic (Max->Typical) Page12
4. Modify I/O Circuit in Page7
Ver1.3
June 30,2005
1.
Modify RAM Block in Page6
2.
Modify ROM 768K->810K
3. Modify Application circuit in Low CLK (RC mode)
R=91K, C=200pF.
4. In Application Circuit add R=100 (direct key) in Page9
5. Modify Chapter 5.1 oscillator about Rosc mode has to
let Xin connect R=51k and C=200pF to GND.
Ver1.4
September 5,2005
1.
Remove Chapter 5.1 High Clock RC Mode.
2.
Remove Chapter 6 application circuit RC Mode.
Ver1.5
November 18,2005
1.
Modify Application circuit add R=100 in each input pin
(direct Key)
2.
Modify Application Circuit add a diode between
“VDD“ and “VDDVR” @4.5V
Ver1.6
September,8,2006
1.
Add High Clock RC Mode in Oscillator functional
description (Chap. 5.1)
2.
Add High Clock RC Mode in Application Circuit
3.
Removed Application circuit R=100 in each input pin
(direct key)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com