Electronic Components Datasheet Search
  English  ▼

X  

SNR016 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNR016
Description  16M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR016 Datasheet(HTML) 6 Page - SONiX Technology Company

  SNR016 Datasheet HTML 1Page - SONiX Technology Company SNR016 Datasheet HTML 2Page - SONiX Technology Company SNR016 Datasheet HTML 3Page - SONiX Technology Company SNR016 Datasheet HTML 4Page - SONiX Technology Company SNR016 Datasheet HTML 5Page - SONiX Technology Company SNR016 Datasheet HTML 6Page - SONiX Technology Company SNR016 Datasheet HTML 7Page - SONiX Technology Company SNR016 Datasheet HTML 8Page - SONiX Technology Company SNR016 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SNR016
16M-bit Mask ROM
7. Application circuit
7.1
AD Bus Interface (with SNC710)
VD D
15pF
220 K
0.1 u F
327 68
15pF
SPEAKER
TR 4
TR 3
TR 2
TR 1
TR 5
TR 6
TR 7
TR 8
4.7uF
CVD D
U 1
SN C 710
VD D
9
VD D
45
VD D
58
CVD D
12
RST
51
BP0
44
BN 0
46
VO
24
XIN
26
XO U T
27
LXIN
22
LXO U T
21
TEST
49
C KSEL
48
P0 .0
50
P0 .1
54
P0 .2
55
P0 .3
56
P0 .4
57
P0 .5
60
P0 .6
61
P0 .7
62
P0 .8
1
P0 .9
2
P0 .1 0
3
P0 .1 1
4
P0 .1 2
5
P0 .1 3
6
P0 .1 4
7
P0 .1 5
8
P1 .0
10
P1 .1
11
P1 .2
14
P1 .3
15
P1 .4
16
P1 .5
17
P1 .6
18
P1 .7
19
GN D
25
VD D
23
CVD D
53
AD 0
42
AD 1
41
AD 2
40
AD 3
39
AD 4
37
AD 5
36
AD 6
35
CEB
32
CEIN
31
R EAD Y
30
AL EC L K
29
CL KIN
28
AD 7
34
CVD D
33
EXTM
20
CO N N 1 8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VD D
CVD D
1.5V
330
CO N N 1 8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
330
330
VD D
3V
U2
SN R 0 1 6
AD 0
1
AD 1
2
AD 2
3
AD 3
4
GN D
5
GN D
6
AD 4
7
AD 5
8
AD 6
9
AD 7
10
VD D
11
VD D
12
CEB
13
READ Y
14
AL EC L K
15
GN D
16
GN D
17
NC
18
BS1
19
BS2
20
ROM#1
0x200000-0x2FFFFF
ROM#2
0x300000-0x3FFFFF
U2
SN R 0 1 6
AD 0
1
AD 1
2
AD 2
3
AD 3
4
GN D
5
GN D
6
AD 4
7
AD 5
8
AD 6
9
AD 7
10
VD D
11
VD D
12
CEB
13
READ Y
14
AL EC L K
15
GN D
16
GN D
17
NC
18
BS1
19
BS2
20
CVD D
VD D
47uF
330
330
330
330
330
AD 1
AD 2
AD 0
AD 3
AD 4
GN D
AD 7
AD 6
AD 5
CE_
VD D 3 V
R EAD Y
AL EC L K
GN D
VD D 3 V
GN D
GN D
VD D 3 V
VD D 3 V
AD 2
AD 0
AD 1
AD 4
AD 3
AD 5
AD 7
AD 6
CE_
GN D
R EAD Y
ALEC L K
VD D 3 V
VD D 3 V
GN D
GN D
GN D
GN D
VD D 3 V
Ver. 1.4
October 21, 2005
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com