Electronic Components Datasheet Search
  English  ▼

X  

FLXR2ATP06 Datasheet(PDF) 2 Page - Visual Communications Company

Part # FLXR2ATP06
Description  FLXR Series 0.400” (10.1mm) Ruggedized Flexible Light Pipe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

FLXR2ATP06 Datasheet(HTML) 2 Page - Visual Communications Company

  FLXR2ATP06 Datasheet HTML 1Page - Visual Communications Company FLXR2ATP06 Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering data
Materials
body
aluminum alloy
lens
polycarbonate, UL rating 94-V2
washer
steel, zinc plated
retaining nut
aluminum alloy
1.5mm optical core, 2.2mm
polyethylene cable jacket
moisture seal
EPDM
mounting hole .400±.002 (10.1mm±.05)
panel
thickness
.059 (1.5mm) min to
.320 (8.1mm) max
X XXX XX
Lens color
RTP
red transparent
GTP
green transparent
CTP
clear transparent
BTP
blue transparent
ATP
amber transparent
1
black
anodized
2
clear
anodized
Litepipe length
XX actual length
04
4.0”
101.6mm
06
6.0”
152.4mm
08
8.0”
203.2mm
12 12.0” 304.8mm
custom lengths
available upon request
FLXR Litepipe TM
ordering code (example) FLXR
2
your first call for illuminated components
www.vcclite.com
1.800.522.5546
07/17 Rev 2
Product Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com