Electronic Components Datasheet Search
  English  ▼

X  

BYD12K Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYD12K
Description  Controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD12K Datasheet(HTML) 3 Page - NXP Semiconductors

  BYD12K Datasheet HTML 1Page - NXP Semiconductors BYD12K Datasheet HTML 2Page - NXP Semiconductors BYD12K Datasheet HTML 3Page - NXP Semiconductors BYD12K Datasheet HTML 4Page - NXP Semiconductors BYD12K Datasheet HTML 5Page - NXP Semiconductors BYD12K Datasheet HTML 6Page - NXP Semiconductors BYD12K Datasheet HTML 7Page - NXP Semiconductors BYD12K Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Dec 03
3
Philips Semiconductors
Preliminary specification
Controlled avalanche rectifiers
BYD12 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper layer
≥40 µm,
pitch 5 mm; see Fig.6.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 1 A; see Fig.4
1.05
V
IR
reverse current
VR =VRRMmax
1
µA
VR =VRRMmax; Tj = 165 °C; see Fig.5
100
µA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com