Electronic Components Datasheet Search
  English  ▼

X  

BYD143 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYD143
Description  Ultra fast low-loss rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD143 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYD143 Datasheet HTML 1Page - NXP Semiconductors BYD143 Datasheet HTML 2Page - NXP Semiconductors BYD143 Datasheet HTML 3Page - NXP Semiconductors BYD143 Datasheet HTML 4Page - NXP Semiconductors BYD143 Datasheet HTML 5Page - NXP Semiconductors BYD143 Datasheet HTML 6Page - NXP Semiconductors BYD143 Datasheet HTML 7Page - NXP Semiconductors BYD143 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Feb 10
4
Philips Semiconductors
Product specification
Ultra fast low-loss rectifier
BYD143
GRAPHICAL DATA
Fig.2
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
02
10
0
2
MGR649
4
6
8
0.4
0.8
1.2
1.6
VF (V)
IF
(A)
Tj = 175 °C
100
°C
25
°C
Fig.3
Reverse current as a function of reverse
voltage; typical values.
handbook, halfpage
400
0
300
100
200
102
10
1
10−1
10−2
10−3
MGR652
IR
(
µA)
VR (V)
Tj = 175 °C
100
°C
25
°C
Fig.4
Diode capacitance as a function of
reverse voltage; typical values.
handbook, halfpage
MGR640
102
10
1
110
102
VR (V)
Cd
(pF)
Tj = 25°C
Fig.5
Maximum permissible average forward
current as a function of tie-point
temperature (including losses due to
reverse leakage).
handbook, halfpage
0
200
3
0
1
MGR644
2
40
80
120
160
Ttp (°C)
IF(AV)
(A)
lead length = 10 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com