Electronic Components Datasheet Search
  English  ▼

X  

STMPE811 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE811_V01 Datasheet HTML 1Page - STMicroelectronics STMPE811_V01 Datasheet HTML 2Page - STMicroelectronics STMPE811_V01 Datasheet HTML 3Page - STMicroelectronics STMPE811_V01 Datasheet HTML 4Page - STMicroelectronics STMPE811_V01 Datasheet HTML 5Page - STMicroelectronics STMPE811_V01 Datasheet HTML 6Page - STMicroelectronics STMPE811_V01 Datasheet HTML 7Page - STMicroelectronics STMPE811_V01 Datasheet HTML 8Page - STMicroelectronics STMPE811_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
April 2011
Doc ID 14489 Rev 5
1/66
66
STMPE811
S-Touch® advanced resistive touchscreen controller
with 8-bit GPIO expander
Features
■ 8 GPIOs
■ 1.8 - 3.3 V operating voltage
■ Integrated 4-wire touchscreen controller
■ Interrupt output pin
■ Wakeup feature on each I/O
■ SPI and I2C interface
■ Up to 2 devices sharing the same bus in
I2C mode (1 address line)
■ 8-input 12-bit ADC
■ 128-depth buffer touchscreen controller
■ Touchscreen movement detection algorithm
■ 25 kV air-gap ESD protection (system level)
■ 4 kV HBM ESD protection (device level)
Applications
■ Portable media players
■ Game consoles
■ Mobile and smartphones
■ GPS
Description
The STMPE811 is a GPIO (general purpose
input/output) port expander able to interface a
main digital ASIC via the two-line bidirectional bus
(I2C). A separate GPIO expander is often used in
mobile multimedia platforms to solve the
problems of the limited amount of GPIOs typically
available on the digital engine.
The STMPE811 offers great flexibility, as each I/O
can be configured as input, output or specific
functions. The device has been designed with
very low quiescent current and includes a wakeup
feature for each I/O, to optimize the power
consumption of the device.
A 4-wire touchscreen controller is built into the
STMPE811. The touchscreen controller is
enhanced with a movement tracking algorithm (to
avoid excessive data), a 128 x 32 bit buffer and
programmable active window feature.
QFN16
(3x3)
Table 1.
Device summary
Order code
Package
Packaging
STMPE811QTR
QFN16
Tape and reel
www.st.com


Similar Part No. - STMPE811_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
22-Apr-2009
STMPE811TTR STMICROELECTRONICS-STMPE811TTR Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
More results

Similar Description - STMPE811_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
12-Mar-2010
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
22-Apr-2009
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
8-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
8-BIT I2C/SMBUS GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
8-BIT SPI GPIO EXPANDER
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
8-BIT SPI GPIO EXPANDER
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com