Electronic Components Datasheet Search
  English  ▼

X  

PSM Datasheet(PDF) 2 Page - TT Electronics.

Part # PSM
Description  Miniature Slide Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSM Datasheet(HTML) 2 Page - TT Electronics.

  PSM Datasheet HTML 1Page - TT Electronics. PSM Datasheet HTML 2Page - TT Electronics. PSM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Miniature Slide Potentiometer
PSM Series
© TT electronics plc
Issue C 12/2021
Page 2
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Environmental Specifications
Ordering Options
Storage temperature
-30°C to +80°C
Operating temperature
-10°C to +70°C
Soldering condition
Wave soldering: 260±5°C max.
Slide/Mechanical Travel
05 — 5mm
10 — 10mm
Package Type
S — Surface Mount
T — Through hole (only available
in 5mm)
Model Series
Package Width
050 — 5mm
Resistance Taper
A — Audio (15A)
B — Linear (1B)
Total Resistance (Ω)
500, 1K, 2K, 5K, 10K, 20K, 50K
Slide Lever Length
A — 1.2mm
B — 2.2mm
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com