Electronic Components Datasheet Search
  English  ▼

X  

LTM4638 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4638
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4638 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4638 Datasheet HTML 7Page - Analog Devices LTM4638 Datasheet HTML 8Page - Analog Devices LTM4638 Datasheet HTML 9Page - Analog Devices LTM4638 Datasheet HTML 10Page - Analog Devices LTM4638 Datasheet HTML 11Page - Analog Devices LTM4638 Datasheet HTML 12Page - Analog Devices LTM4638 Datasheet HTML 13Page - Analog Devices LTM4638 Datasheet HTML 14Page - Analog Devices LTM4638 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTM4638
11
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
The typical LTM4638 application circuit is shown in
Figure 23. External component selection is primarily
determined by the input voltage, the output voltage and
the maximum load current. Refer to Table 7 for specific
externalcapacitorrequirementsforaparticularapplication.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step-
down ratios that can be achieved for a given input voltage
due to the minimum off-time and minimum on-time limits
of the regulator. The minimum off-time limit imposes a
maximum duty cycle which can be calculated as:
DMAX = 1 – (tOFF(MIN) • fSW)
where tOFF(MIN) is the minimum off-time, typically 50ns
for LTM4638, and fSW (Hz) is the switching frequency.
Converselytheminimumon-timelimitimposesaminimum
duty cycle of the converter which can be calculated as:
DMIN = tON(MIN) • fSW
where tON(MIN) is the minimum on-time, typically 25ns
for LTM4638. In the rare cases where the minimum duty
cycle is surpassed, the output voltage will still remain
in regulation, but the switching frequency will decrease
from its programmed value. Note that additional thermal
derating may be applied. See the Thermal Considerations
and Output Current Derating section in this data sheet.
Output Voltage Programming
ThePWMcontrollerhasaninternal0.6Vreferencevoltage.
As shown in the Block Diagram, a 60.4k internal feedback
resistor connects the VOUT and FB pins together. Adding a
resistor, RFB, from FB pin to VOSNS– programs the output
voltage:
RFB =
0.6V
VOUT – 0.6V
• 60.4k
Table 1. RFB Resistor Table vs Various Output Voltages
VOUT (V) 0.6
1.0
1.2
1.5
1.8
2.5
3.3
5.0
RFB (kΩ) OPEN 90.9 60.4 40.2 30.1 19.1 13.3 8.25
For parallel operation of multiple channels the same feed-
back setting resistor can be used for the parallel design.
This is done by connecting the VOSNS+totheoutputshown
in Figure 2, thus tying one of the internal 60.4k resistors
to the output. All of the VFB pins tie together with one
programming resistor as shown in Figure 2.
See Figure 25 for an example of parallel operation.
Input Decoupling Capacitors
The LTM4638 module should be connected to a low AC
impedance DC source. For the regulator, a 22µF input
ceramic capacitor is required for RMS ripple current de-
coupling. Bulk input capacitance is only needed when the
inputsourceimpedanceiscompromisedbylonginductive
leads, traces or not enough source capacitance. The bulk
capacitor can be an aluminum electrolytic capacitor or
polymer capacitor.
Without considering the inductor ripple current, the RMS
current of the input capacitor can be estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D• 1–D
( )
where η%istheestimatedefficiencyofthepowermodule.
Output Decoupling Capacitors
With an optimized high frequency, high bandwidth de-
sign, only a single low ESR output ceramic capacitor is
required for the LTM4638 to achieve low output ripple
voltage and very good transient response. In extreme
4638 F02
COMPa
COMPb
1.2V/30A
VOUT
VOSNS+
VOSNS–
VFB
LTM4638
TRACK/SS
COMPa
VOUT
VOSNS+
VOSNS–
VFB
LTM4638
TRACK/SS
0.1µF
RFB
60.4k
COMPb
Figure 2. 2-Phase Parallel Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com