Electronic Components Datasheet Search
  English  ▼

X  

NB4N507AD Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB4N507AD
Description  3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N507AD Datasheet(HTML) 2 Page - ON Semiconductor

  NB4N507AD Datasheet HTML 1Page - ON Semiconductor NB4N507AD Datasheet HTML 2Page - ON Semiconductor NB4N507AD Datasheet HTML 3Page - ON Semiconductor NB4N507AD Datasheet HTML 4Page - ON Semiconductor NB4N507AD Datasheet HTML 5Page - ON Semiconductor NB4N507AD Datasheet HTML 6Page - ON Semiconductor NB4N507AD Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NB4N507A
http://onsemi.com
2
Figure 2. NB4N507A Logic Diagram
Crystal
VDD
Feedback
Oscillator
Buffer
X1/CLK
X2
Phase
Detector
GND
Charge
Pump
VCO
PECL
Output
Multiplier
Select
S1
S0
CLKOUT
CLKOUT
OE
X2
NC
S0
OE
NC
NC
NC
NC
GND
GND
S1
VDD
VDD
X1/CLK
Figure 3. 16−Pin SOIC (Top View)
16
15
14
13
12
11
10
CLKOUT
CLKOUT
9
1
2
3
4
5
6
7
8
Table 1. CLOCK MULTIPLIER SELECT TABLE
S1
S0
Multiplier
L
L
9.72X*
L
M
10X
L
H
12X
M
L
6.25X
M
M
8X
M
H
5X
H
L
NA
H
M
3X
H
H
4X
Table 2. OE, OUTPUT ENABLE FUNCTION
OE
Function
0
Disable
1
Enable
*Crystal = 16 MHz, fCLKOUT = 155.52 MHz
L = GND
H = VDD
M = OPEN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com