Electronic Components Datasheet Search
  English  ▼

X  

LTM4601 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4601
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4601 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4601 Datasheet HTML 3Page - Analog Devices LTM4601 Datasheet HTML 4Page - Analog Devices LTM4601 Datasheet HTML 5Page - Analog Devices LTM4601 Datasheet HTML 6Page - Analog Devices LTM4601 Datasheet HTML 7Page - Analog Devices LTM4601 Datasheet HTML 8Page - Analog Devices LTM4601 Datasheet HTML 9Page - Analog Devices LTM4601 Datasheet HTML 10Page - Analog Devices LTM4601 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTM4638
7
Rev. C
For more information www.analog.com
PIN FUNCTIONS
VOUT (A1-A5, F3, G1-G3): Power Output Pins of the
Switching Mode Regulator. Apply output load between
these pins and GND pins. Recommend placing output
decoupling capacitance directly between these pins and
GND pins. See the Applications Information section for
paralleling outputs.
COMPb (F1): Internal Loop Compensation Network.
Connect to COMPa to use the internal compensation in
majority of applications.
FREQ(E1):SwitchingFrequencyProgramPin.Frequencyis
set internally to 600kHz. An external resistor can be placed
from this pin to GND to increase frequency, or from this
pin to INTVCC to reduce frequency. See the Applications
Information section for frequency adjustment.
COMPa (D1): Current control threshold and error ampli-
fier compensation point of the switching mode regulator
channel. The internal current comparator threshold is
linearly proportional to this voltage. Tie the COMPa pins
from different channels together for parallel operation.
The device is internal compensated. Connect to COMPb
to use the internal compensation. Or connect to a Type-II
C-R-C network to use customized compensation.
FB (C1): The Negative Input of the Error Amplifier for the
switching mode regulator. This pin is internally connected
toVOSNS+witha60.4kΩprecisionresistor.Outputvoltages
can be programmed with an additional resistor between
FB and VOSNS– pins. In PolyPhase® operation, tying the
FB pins together allows for parallel operation. See the
Applications Information section for details.
VOSNS+ (B1): Positive Input to the Differential Remote
Sense Amplifier. Internally, this pin is connected to FB
with a 60.4k 0.5% precision resistor. See the Applications
Information section for details.
PHMODE (G5): Control Input to the Phase Selector of the
Switching Mode Regulator. Determines the phase rela-
tionship between internal oscillator and CLKOUT. Tie it to
INTVCC for 2-phase operation, tie it to SGND for 3-phase
operation, and tie it to INTVCC/2 for 4-phase operation.
See Application Information section for details.
TRACK/SS (E2): Output Tracking and Soft-Start Pin of the
Switching Mode Regulator. Allows the user to control the
rise time of the output voltage. Putting a voltage below
0.6Vonthispinbypassestheinternalreferenceinputtothe
error amplifier, instead it servos the FB pin to the TRACK
voltage. Above 0.6V, the tracking function stops and the
internal reference resumes control of the error amplifier.
There’saninternal6µApull-upcurrentfromINTVCConthis
pin, so putting a capacitor here provides soft-start func-
tion. See the Applications Information section for details.
MODE/CLKIN (D2): Discontinuous Mode Select Pin and
External Synchronization Input to Phase Detector. Tie
MODE/CLKINtoGNDfordiscontinuousmodeofoperation.
Floating MODE/CLKIN or tying it to a voltage above 1V will
select forced continuous mode. Furthermore, connecting
MODE/CLKIN to an external clock will synchronize the
system clock to the external clock and puts the part in
forced continuous mode. See Applications Information
section for details.
VOSNS– (C2): Negative Input to the Differential Remote
Sense Amplifier. Connect an external resistor between FB
and VOSNS– pin to set the output voltage of the specific
channel. See the Applications Information section for
details.
CLKOUT (F2): Output Clock Signal for PolyPhase Op-
eration. The phase of CLKOUT with respect to CLKIN is
determined by the state of the respective PHMODE pin.
CLKOUT’s peak-to-peak amplitude is INTVCC to GND. See
Application Information section for details.
VIN (D3-D4, E3-E4, F4, G4): Power input pins connect to
the drain of the internal top MOSFET and signal VIN to the
internal 3.3V regulator for the control circuitry for each
switching mode regulator channel. Apply input voltages
between these pins and GND pins. Recommend placing
input decoupling capacitance directly between each of VIN
pins and GND pins.
INTVCC(B3):Internal3.3VRegulatorOutputoftheSwitch-
ing Mode Regulator Channel. The internal power drivers
and control circuits are powered from this voltage. The
LTM4638 has an internal 2.2µF decoupling capacitor. No
external decoupling capacitor is required.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com