Electronic Components Datasheet Search
  English  ▼

X  

BYD13M Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYD13M
Description  Controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD13M Datasheet(HTML) 5 Page - NXP Semiconductors

  BYD13M Datasheet HTML 1Page - NXP Semiconductors BYD13M Datasheet HTML 2Page - NXP Semiconductors BYD13M Datasheet HTML 3Page - NXP Semiconductors BYD13M Datasheet HTML 4Page - NXP Semiconductors BYD13M Datasheet HTML 5Page - NXP Semiconductors BYD13M Datasheet HTML 6Page - NXP Semiconductors BYD13M Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 May 24
5
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BYD13 series
Solid line: Tj =25 °C.
Dotted line: Tj = 175 °C.
Fig.6
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
0
6
4
2
0
2
1
MBG048
IF
(A)
VF (V)
Fig.7
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
10 3
MGC739
10
2
10
1
160
120
40
80
(
µA)
I
R
T
j
(
oC)
VR =VRRMmax.
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
1
MGC740
10
102
10
3
1
10 2
10
(pF)
C
d
V
R
(V)
Fig.9 Device mounted on a printed-circuit board.
handbook, halfpage
MGA200
3
2
7
50
25
50
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com