Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 21 Page - Analog Devices

Part # LT8610AB
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AB Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8610AB Datasheet HTML 16Page - Analog Devices LT8610AB Datasheet HTML 17Page - Analog Devices LT8610AB Datasheet HTML 18Page - Analog Devices LT8610AB Datasheet HTML 19Page - Analog Devices LT8610AB Datasheet HTML 20Page - Analog Devices LT8610AB Datasheet HTML 21Page - Analog Devices LT8610AB Datasheet HTML 22Page - Analog Devices LT8610AB Datasheet HTML 23Page - Analog Devices LT8610AB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8609S
21
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
1.8V 2MHz Step-Down Converter
Ultralow EMI 3.3V 2A Step-Down Converter
C2
4.7µF
C3
1µF
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
768k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
3.1V
TO 20V
(42V TRANSIENT)
POWER
GOOD
fSW = 2MHz
L1 = XFL4020-222ME
VOUT
1.8V
2A
8609S TA05
PSKIP
M1
NFET
C4
47µF
X7R
1210
C2
4.7µF
C3
1µF
C5
10pF
L1
8.2µH
R1
110k
R2
1M
R3
309k
R4
100K
C6
10nF
L2
BEAD
L3
4.7µH
C7
4.7µF
C8
4.7µF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
4V TO 40V
POWER GOOD
fSW = 400kHz
L1 = XAL4040-822
C9 = OS-CON 63SXV33M
L3 = XAL4030-472
VOUT
3.3V
2A
8609S TA06
C4
47µF
X7R
1210
C9
33µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com