Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 13 Page - Analog Devices

Part # LT8610AC
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8610AC Datasheet HTML 9Page - Analog Devices LT8610AC Datasheet HTML 10Page - Analog Devices LT8610AC Datasheet HTML 11Page - Analog Devices LT8610AC Datasheet HTML 12Page - Analog Devices LT8610AC Datasheet HTML 13Page - Analog Devices LT8610AC Datasheet HTML 14Page - Analog Devices LT8610AC Datasheet HTML 15Page - Analog Devices LT8610AC Datasheet HTML 16Page - Analog Devices LT8610AC Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8609S
13
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R1=R2
VOUT
0.774V
–1
⎛
⎝
⎜
⎞
⎠
⎟
1% resistors are recommended to maintain output voltage
accuracy.
The total resistance of the FB resistor divider should be
selected to be as large as possible when good low load
efficiency is desired: The resistor divider generates a
small load on the output, which should be minimized to
optimize the quiescent current at low loads.
When using large FB resistors, a 10pF phase lead capac-
itor should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8609S uses a constant frequency PWM archi-
tecture that can be programmed to switch from 200kHz
to 2.2MHz by using a resistor tied from the RT pin to
ground. A table showing the necessary RT value for a
desired switching frequency is in Table 1. When in spread
spectrum modulation mode, the frequency is modulated
upwards of the frequency set by RT.
Table 1. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
221
0.300
143
0.400
110
0.500
86.6
0.600
71.5
0.700
60.4
0.800
52.3
0.900
46.4
1.000
40.2
1.200
33.2
1.400
27.4
1.600
23.7
1.800
20.5
2.000
18.2
2.200
16.2
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantage of high frequency operation is that smaller
inductor and capacitor values may be used. The disadvan-
tages are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
fSW(MAX) =
VOUT +VSW(BOT)
tON(MIN) VIN – VSW(TOP)+VSW(BOT)
(
)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.4V, ~0.25V, respectively at max load) and
tON(MIN) is the minimum top switch on-time (see Electrical
Characteristics). This equation shows that slower switch-
ing frequency is necessary to accommodate a high VIN/
VOUT ratio.
For transient operation VIN may go as high as the Abs Max
rating regardless of the RT value, however the LT8609S
will reduce switching frequency as necessary to maintain
control of inductor current to assure safe operation.
The LT8609S is capable of maximum duty cycle
approaching 100%, and the VIN to VOUT dropout is
limited by the RDS(ON) of the top switch. In this mode
the LT8609S skips switch cycles, resulting in a lower
switching frequency than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
VIN(MIN) =
VOUT +VSW(BOT)
1– fSW • tOFF(MIN)
– VSW(BOT)+VSW(TOP)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.4V, ~0.25V,
respectively at max load), fSW is the switching frequency
(set by RT), and tOFF(MIN) is the minimum switch off-
time. Note that higher switching frequency will increase
the minimum input voltage below which cycles will be
dropped to achieve higher duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com