Electronic Components Datasheet Search
  English  ▼

X  

VAA10 Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # VAA10
Description  AC-DC Power Supplies PCB Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

VAA10 Datasheet(HTML) 2 Page - COSEL CO., LTD.

  VAA10 Datasheet HTML 1Page - COSEL CO., LTD. VAA10 Datasheet HTML 2Page - COSEL CO., LTD. VAA10 Datasheet HTML 3Page - COSEL CO., LTD. VAA10 Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VAA-3
¡DERATING CURVE
¡RISE TIME & FALL TIME (VAA512)
¡OVERCURRENT CHARACTERISTICS (VAA512)
¡STATIC CHARACTERISTICS (VAA512)
Input Voltage AC 85V
0.25
0
12.03
12.05
12.07
0.50
0.75
Input Voltage AC132V
OUTPUT CURRENT
DC Output
AC Input
ACIN 85V Io=100%
20ms/DIV
0.25
0
2
4
6
8
10
12
14
0.50
0.75
OUTPUT CURRENT
Input Voltage AC 85V
Input Voltage AC132V
ACIN85 115V
ACIN116 132V
-10
010203040506070
0
20
40
60
80
100
AMBIENT TEMPERATURE
External view
¶ Dimensions in mm, [ ]= inches
¶ Unit: 2mm
¶ Weight: 30g max
¶ Tolerance:
¶ PCB material: CEM-3
¶ PCB thickness: t=1.0 [0.04]
¶ Pin material: CPW with solder plated
¶ Recommended hole dia. to PCB:
¶ Dimensions in mm, [ ]= inches
º1.3
Recommended size for
processing PCB
(TOP VIEW)
35
57
4.5
65
(TOP VIEW)
FG
AC
AC
35
Outline
57
4.5
bottom cover
bottom cover
[0.07]
[0.18]
[0.18]
[0.04]
[0.07]
[2.24]
[1.38]
[1.38]
[2.24]
[2.56]
[0.05]
[0.04]
Input/Output Pin
Name Plate
0.5 [±0.02]
±
Performance data
VAA5
March 13, 2019



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com